Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 28 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 28 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 24Page - Intel Corporation AS87196CB Datasheet HTML 25Page - Intel Corporation AS87196CB Datasheet HTML 26Page - Intel Corporation AS87196CB Datasheet HTML 27Page - Intel Corporation AS87196CB Datasheet HTML 28Page - Intel Corporation AS87196CB Datasheet HTML 29Page - Intel Corporation AS87196CB Datasheet HTML 30Page - Intel Corporation AS87196CB Datasheet HTML 31Page - Intel Corporation AS87196CB Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
87C196CA87C196CB
WAVEFORMSERIAL PORTSHIFT REGISTER MODE
SERIAL PORT WAVEFORMSHIFT REGISTER MODE
272405 – 29
A TO D CHARACTERISTICS
The sample and conversion time of the AD convert-
er in the 8-bit or 10-bit modes is programmed by
loading a byte into the AD
TIME Special Function
Register This allows optimizing the AD operation
for specific applications The AD
TIME register is
functional for all possible values but the accuracy of
the AD converter is only guaranteed for the times
specified in the operating conditions table
The value loaded into AD
TIME bits 5 6 7 deter-
mines the sample time SAMP The value loaded
into AD
TIME bits 0 1 2 3 and 4 determines the
bit conversion time CONV These bits as well as
the equation for calculating the total conversion
time T are shown in the following table
AD
TIME
1FAFHByte
76543210
Sample Time
Bit Conversion Time
(SAMP)
(CONV)
4n a 1 state times
n a1 state times
n e 1to7
n e 2to31
Equation
T e (SAMP) a Bx (CONV) a 25
T e total conversion time (states)
B e number of bits conversion (8 or 10)
n e programmed register value
The converter is ratiometric so absolute accuracy is
dependent on the accuracy and stability of VREF
VREF must be close to VCC since it supplies both the
resistor ladder and the analog portion of the convert-
er and input port pins There is also an AD
TEST
SFR that allows for conversion on ANGND and
VREF as well as adjusting the zero offset The abso-
lute error listed is without doing any adjustments
AD CONVERTER SPECIFICATION
The specifications given assume adherence to the
operating conditions section of this data sheet Test-
ing is performed with VREF e 512V and 20 MHz
operating frequency After a conversion is started
the device is placed in IDLE mode until the conver-
sion is complete
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com