Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 31 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 31 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 25Page - Intel Corporation AS87196CB Datasheet HTML 26Page - Intel Corporation AS87196CB Datasheet HTML 27Page - Intel Corporation AS87196CB Datasheet HTML 28Page - Intel Corporation AS87196CB Datasheet HTML 29Page - Intel Corporation AS87196CB Datasheet HTML 30Page - Intel Corporation AS87196CB Datasheet HTML 31Page - Intel Corporation AS87196CB Datasheet HTML 32Page - Intel Corporation AS87196CB Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
87C196CA87C196CB
87C196CA DESIGN CONSIDERATIONS
The 87C196CA device is a memory scalar of the
87C196KR device with integrated CAN 20 The CA
is designed for strict functional and electrical com-
patibility to the Kx family as well as integration of on-
chip networking capability The 87C196CA has few-
er peripheral functions than the 196KR due in part
to the integration of the CAN peripheral Following
are the functionality differences between the 196KR
and 196CA devices
196KR Features Unsupported on the 196CA
Analog Channels 0 and 1
INST Pin Functionality
SLPINT and SLPCS Pin Support
HLDHLDA Functionality
External ClockingDirection of Timer 1
Quadrature Clocking Timer 1
Dynamic Buswidth
EPA Capture Channels 4 – 7
(1) External Memory Removal of the Buswidth pin
means the bus cannot dynamically switch from
8- to 16-bit bus mode or vice versa The pro-
grammer must define the bus mode by setting
the associated bits in the CCB
(2) Auto-Programming Mode The 87C196CA de-
vice will ONLY support the 16-bit zero wait state
bus during auto-programming
(3) EPA4 through EPA7 Since the CA device is
based on the KR design these functions are in
the device however there are no associated
pins A programmer can use these as compare-
only channels or for other functions like software
timer start an AD conversion or reset timers
(4) Slave Port Support The Slave port can not be
used on the 196CA due to a function change for
P54SLPINT and P51SLPCS not being bond-
ed-out
(5) Port Functions Some port pins have been re-
moved P51 P62 P63 P14 through P17
P23 P25 P00 and P01 The PxREG PxSSEL
and PxIO registers can still be updated and read
The programmer should not use the correspond-
ing bits associated with the removed port pins to
conditionally branch in software Treat these bits
as RESERVED
Additionally these port pins should be setup in-
ternally by software as follows
1 Written to PxREG as ‘‘1’’ or ‘‘0’’
2 Configured as PushPull PxIO as ‘‘0’’
3 Configured as LSIO
This configuration will effectively strap the pin
either high or low
DO NOT Configure as
Open Drain output ‘’1’’ or as an Input pin
This device is CMOS
(6) EPA Timer RESETWrite Conflict If the user
writes to the EPA timer at the same time that the
timer is reset it is indeterminate which will take
precedence Users should not write to a timer if
using EPA signals to reset it
(7) Valid Time Matches The timer must incre-
mentdecrement to the compare value for a
match to occur A match does not occur if the
timer is loaded with a value equal to an EPA
compare value Matches also do not occur if a
timer is reset and 0 is the EPA compare value
(8) Write Cycle during Reset If RESET occurs dur-
ing a write cycle the contents of the external
memory device may be corrupted
(9) Indirect Shift Instruction The upper 3 bits of
the byte register holding the shift count are not
masked completely If the shift count register has
the value 32 c n where n e 1 3 5 or 7 the
operand will be shifted 32 times This should
have resulted in no shift taking place
(10) P27 (CLKOUT) P27 (CLKOUT) does not op-
erate in open drain mode
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com