Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 25 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 25 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 21Page - Intel Corporation AS87196CB Datasheet HTML 22Page - Intel Corporation AS87196CB Datasheet HTML 23Page - Intel Corporation AS87196CB Datasheet HTML 24Page - Intel Corporation AS87196CB Datasheet HTML 25Page - Intel Corporation AS87196CB Datasheet HTML 26Page - Intel Corporation AS87196CB Datasheet HTML 27Page - Intel Corporation AS87196CB Datasheet HTML 28Page - Intel Corporation AS87196CB Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
87C196CA87C196CB
EPROM SPECIFICATIONS
AC EPROM PROGRAMMING CHARACTERISTICS
Operating Conditions Load Capacitance e 150 pF TC e 25 C g5 C VCC VREF e 50V g05V VSS
ANGND e 0V
VPP e 125V g025V EA e 125V g 025V Fosc e 50 MHz
Symbol
Parameter
Min
Max
Units
TAVLL
Address Setup Time
0
TOSC
TLLAX
Address Hold Time
100
TOSC
TDVPL
Data Setup Time
0
TOSC
TPLDX
Data Hold Time
400
TOSC
TLLLH
PALE Pulse Width
50
TOSC
TPLPH
PROG Pulse Width(2)
CA
50
TOSC
CB
100
TOSC
TLHPL
PALE High to PROG Low
220
TOSC
TPHLL
PROG High to next PALE Low
220
TOSC
TPHDX
Word Dump Hold Time
50
TOSC
TPHPL
PROG High to next PROG Low
220
TOSC
TLHPL
PALE High to PROG Low
220
TOSC
TPLDV
PROG Low to Word Dump Valid
CA
50
TOSC
CB
100
TOSC
TSHLL
RESET High to First PALE Low
1100
TOSC
TPHIL
PROG High to AINC Low
0
TOSC
TILIH
AINC Pulse Width
240
TOSC
TILVH
PVER Hold after AINC Low
50
TOSC
TILPL
AINC Low to PROG Low
170
TOSC
TPHVL
PROG High to PVER Valid
220
TOSC
NOTES
1 Run-time programming is done with Fosc e 60 MHz to 100 MHz VCC VPD VREF e 5V g05V TC e 25 C g5 C and
VPP e 125V g025V For run-time programming over a full operating range contact factory
2 Programming specifications are not tested but guaranteed by design
3 This specification is for the word dump mode For programming pulses use 300 Tosc a 100 ms
DC EPROM PROGRAMMING CHARACTERISTICS
Symbol
Parameter
Min
Max
Units
IPP
VPP Programming Supply Current
200
mA
NOTE
VPP must be within 1V of VCC while VCC k 45V VPP must not have a low impedance path to ground or VSS while VCC l
45V
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com