Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 4 Page - Analog Devices

  ADMCF341_15 Datasheet HTML 1Page - Analog Devices ADMCF341_15 Datasheet HTML 2Page - Analog Devices ADMCF341_15 Datasheet HTML 3Page - Analog Devices ADMCF341_15 Datasheet HTML 4Page - Analog Devices ADMCF341_15 Datasheet HTML 5Page - Analog Devices ADMCF341_15 Datasheet HTML 6Page - Analog Devices ADMCF341_15 Datasheet HTML 7Page - Analog Devices ADMCF341_15 Datasheet HTML 8Page - Analog Devices ADMCF341_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
REV. A
–4–
ADMC(F)341
FLASH MEMORY (ADMCF341 ONLY)
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Endurance
10,000
Cycles
Cycle = Erase/Program/Verify
Data Retention
15
Years
Program and Erase Operating Temperature
0
85
°C
Read Operating Temperature
–40
+85
°C
Specifications subject to change without notice.
TIMING PARAMETERS
Parameter
Min
Max
Unit
Clock Signals
Signal tCK is defined as 0.5 tCKIN. The ADMC(F)341 uses an input clock with
a frequency equal to half the instruction rate; a 10 MHz input clock (which is
equivalent to 100 ns) yields a 50 ns processor cycle (equivalent to 20 MHz).
When tCK values are within the range of 0.5 tCKIN period, they should be
substituted for all relevant timing parameters to obtain specification value as
in the following example:
tt
ns
ns
ns
ns
CKH
CK
=−
=
×−=
05
10
05
50
10
15
..
Timing Requirements:
tCKIN
CLKIN Period
100
150
ns
tCKIL
CLKIN Width Low
20
ns
tCKIH
CLKIN Width High
20
ns
Switching Characteristics:
tCKL
CLKOUT Width Low
0.5 tCK – 10
ns
tCKH
CLKOUT Width High
0.5 tCK – 10
ns
tCKOH
CLKIN High to CLKOUT High
0
20
ns
Control Signals
Switching Characteristics:
tRSP
RESET Width Low
5 tCK*
ns
PWM Shutdown Signals
Switching Characteristics:
tPWMTPW
PWMTRIP Width Low
tCK
ns
*Applies after power-up sequence is complete.
Specifications subject to change without notice.
CLKIN
CLKOUT
tCKL
tCKIL
tCKH
tCKIH
tCKIN
tCKOH
Figure 1. Clock Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com