Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 3Page - Analog Devices ADMCF341_15 Datasheet HTML 4Page - Analog Devices ADMCF341_15 Datasheet HTML 5Page - Analog Devices ADMCF341_15 Datasheet HTML 6Page - Analog Devices ADMCF341_15 Datasheet HTML 7Page - Analog Devices ADMCF341_15 Datasheet HTML 8Page - Analog Devices ADMCF341_15 Datasheet HTML 9Page - Analog Devices ADMCF341_15 Datasheet HTML 10Page - Analog Devices ADMCF341_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV. A
ADMC(F)341
–7–
GENERAL DESCRIPTION
The ADMC(F)341 is a low cost, single-chip, DSP-based
controller suitable for permanent magnet synchronous motors,
ac induction motors, and brushless dc motors. The ADMC(F)341
integrates a 20 MHz, fixed-point DSP core with a complete set
of motor control and system peripherals that permits fast,
efficient development of motor controllers.
The DSP core of the ADMC(F)341 is completely code compat-
ible with the ADSP-21xx DSP family and combines three
computational units, data address generators, and a program
sequencer. The computational units are an ALU, a multiplier/
accumulator (MAC), and a barrel shifter. There are special
instructions for bit manipulation, multiplication (x squared),
biased rounding, and global interrupt masking. The system
peripherals are the power-on reset circuit (POR), the watchdog
timer, and two synchronous serial ports. The serial ports are
configurable and double buffered, with hardware support for
UART, SCI, and SPI port emulation. The ADMC(F)341 pro-
vides 512
24-bit program memory RAM, 4K
24-bit
program memory ROM, 4K
24-bit program FLASH memory,
and 512
16-bit data memory RAM. The user code can be
stored and executed from the flash memory. The program and
data memory RAM can be used for dynamic data storage or
can be loaded through the serial port from an external device
as in other ADMCxxx family parts. The program memory
ROM contains a monitor function as well as useful routines for
erasing, programming, and verifying the flash memory.
The motor control peripherals of the ADMC(F)341 provide a
12-bit analog data acquisition system with six analog input
channels with three dedicated ISENSE inputs (combining internal
amplification, sampling, and overcurrent PWM shutdown
features) and an internal voltage reference. In addition, a three-
phase, 16-bit, center-based PWM generation unit can be used
to produce high accuracy PWM signals with minimal processor
overhead. The ADMC(F)341 also contains two 16-bit auxiliary
PWM timer outputs and nine lines of digital I/O.
Because the ADMC(F)341 has a limited number of pins, func-
tions such as the auxiliary PWM timers and the serial
communication ports are multiplexed with the nine program-
mable digital input/output (PIO) pins. The pin functions can be
independently selected to allow maximum flexibility for differ-
ent applications.
DSP CORE ARCHITECTURE OVERVIEW
Figure 3 is an overall block diagram of the DSP core of the
ADMC(F)341. The flexible architecture and comprehensive
instruction set allow the processor to perform multiple opera-
tions in parallel. In one processor cycle (50 ns with a 10 MHz
CLKIN) the DSP core can:
• Generate the next program address
• Fetch the next instruction
• Perform one or two data moves
• Update one or two data address pointers
• Perform a computational operation
This all takes place while the processor continues to:
• Receive and transmit through the serial ports
• Decrement the interval timer
• Generate three-phase PWM waveforms for a power inverter
• Generate two signals using the 16-bit auxiliary PWM timers
• Acquire four analog signals
• Decrement the watchdog timer
PM ROM
4K
24
PM RAM
512
24
BUS
EXCHANGE
COMPANDING
CIRCUITRY
DATA
ADDRESS
GENERATOR
#2
DATA
ADDRESS
GENERATOR
#1
14
14
24
16
6
DM RAM
512
16
R BUS
16
DMA BUS
PMA BUS
DMD BUS
PMD BUS
INSTRUCTION
REGISTER
INPUT REGS
OUTPUT REGS
SHIFTER
CONTROL
LOGIC
SERIAL
PORT
RECEIVE REG
TRANSMIT REG
TIMER
INPUT REGS
OUTPUT REGS
MAC
INPUT REGS
OUTPUT REGS
ALU
PROGRAM
SEQUENCER
FLASH
PROGRAM
MEMORY
4K
24
Figure 3. DSP Core Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com