Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 16Page - Analog Devices ADMCF341_15 Datasheet HTML 17Page - Analog Devices ADMCF341_15 Datasheet HTML 18Page - Analog Devices ADMCF341_15 Datasheet HTML 19Page - Analog Devices ADMCF341_15 Datasheet HTML 20Page - Analog Devices ADMCF341_15 Datasheet HTML 21Page - Analog Devices ADMCF341_15 Datasheet HTML 22Page - Analog Devices ADMCF341_15 Datasheet HTML 23Page - Analog Devices ADMCF341_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
REV. A
–20–
ADMC(F)341
Each analog front end has two analog inputs: voltage and cur-
rent. A 2-to-1 multiplexer selects which input will be converted;
the multiplexer selection is determined by the MODECTRL
register. Note that in the ADMC(F)341, only the current inputs
(ISENSE) are externally available.
The current input (ISENSE) is amplified through a bipolar ampli-
fier (Gain –2.5). There is an output offset that matches the
amplifier output signal range to the input signal range of the
A/D converter. The amplifier has built-in overcurrent and open-
circuit protection. The overcurrent protection shuts the PWM
Block when the voltage at any of the ISENSE pins exceeds the trip
threshold (high or low). The open-circuit detection shuts the
PWM block when any of the ISENSE inputs is in high impedance
(for example, the current sense resistor or transducer is discon-
nected). The shutdown signals generated by the amplifiers are
then OR-ed and filtered to avoid a spurious trip caused by the
switching of the power devices. The amplifier is followed by a
sample-and-hold amplifier (SHA). The SHA time is user-pro-
grammable through the SHA timer register. The sampling time
is set as a delay from the rising edge of the PWMSYNC signal
and is calculated as:
T
SHA CNT
t
SAMPLE
CK
=+ ×
(_
)
2
The SHA timer counter has a minimum reload value of 0x0003,
which ensures a minimum settling time of the SHA output in
case the user is programming the SHA timer register to a value
smaller than 0x0003. This means that the sampling time is
programmable from 5 tCK to 65,535 tCK (corresponding to 250 ns
to 3.28 ms for a CLKOUT rate of 20 MHz). The sampling time
is limited, however, to the rising edge of the following PWMSYNC
cycle. Each channel has an independent amplifier, SHA, and
SHA timing unit/state machine. Figure 16 shows a conversion
sequence of a single channel.
At the beginning of the cycle N [rising edge of PWMSYNC
signal (1)], the timer counter is loaded with the value contained
in the SHA_CNT register. After the timer counter has been
reloaded, it starts counting down at the CLKOUT rate. In this
phase, the SHA state-machine forces the SHA in TRACK
(sample) status.
When the counter reaches the value of 0x0000 (after the time
TSAMPLE from the rising edge of PWMSYNC), the SHA state-
machine forces the SHA in HOLD status.
The conversion of the sampled value is then taking place in the
cycle N + 1 [from (4) to (5)] in Figure 16. The result of the
conversion is available on the ADC register at the cycle N + 2
[rising edge of PWMSYNC (5)].
On cycle N + 2, the reload value of the timer counter exceeds
the period of the PWMSYNC signal. In this case, the SHA
state-machine forces the SHA in HOLD status at the rising edge
of PWMSYNC of the next cycle (7). The conversion then takes
place on cycle N + 3, and the conversion result is available on the
ADC register at the cycle N + 4 [rising edge of PWMSYNC (9)].
During the acquire phase (the PWMSYNC cycle during the
sampling of the input value), the conversion takes place. How-
ever, the value on the ADC registers is not considered valid.
This condition is signaled by the ADC by setting the LSB of the
ADC register to high.
On cycle N + 4, at the rising edge of the PWMSYNC signal (9),
the timer counter is reloaded with a value smaller than the
PWMSYNC pulsewidth. In this case, the SHA samples within
the PWMSYNC pulsewidth and the conversion take place in
the same PWMSYNC cycle [from (10) to (11)].
AUXILIARY PWM TIMERS
Overview
The ADMC(F)341 provides two variable frequency, variable
duty cycle, 16-bit, auxiliary PWM outputs that, when enabled,
are available at the AUX1 and AUX0 pins. These auxiliary
PWM outputs can be used to provide switching signals to
other circuits in typical motor control systems, such as power
factor corrected front end converters or other switching power
converters. Alternatively, by adding a suitable filter network, the
auxiliary PWM output signals can be used as simple single-bit
digital-to-analog converters as shown in Figure 17. The auxiliary
PWM system of the ADMC(F)341 can operate in two different
modes: independent mode and offset mode. The operating
mode of the auxiliary PWM system is controlled by Bit 8 of the
MODECTRL register. Setting Bit 8 of the MODECTRL regis-
ter places the auxiliary PWM system in the independent mode.
In this mode, the two auxiliary PWM generators are completely
independent and separate switching frequencies and duty cycles
may be programmed for each auxiliary PWM output. In this
mode, the 16-bit AUXTM0 register sets the switching frequency
of the signal at the AUX0 output pin. Similarly, the 16-bit
AUXTM1 register sets the switching frequency of the signal at
the AUX1 pin. The fundamental time increment for the auxiliary
PWM outputs is twice the DSP instruction rate (or 2 tCK) and
the corresponding switching periods are given by:
T
AUXTM
t
T
AUXTM
t
AUX
CK
AUX
CK
0
1
20
1
21 1
+ ×
+ ×
()
()
Since the values in both AUXTM0 and AUXTM1 can range
from 0 to 0xFFFF, the achievable switching frequency of the
auxiliary PWM signals may range from 152.59 Hz to 10 MHz
for a CLKOUT frequency of 20 MHz. The on-time of the two
auxiliary PWM signals is programmed by the two 16-bit AUXCH0
and AUXCH1 registers, according to:
T
AUX
AUXCH
t
T
AUX
AUXCH
t
ON
CK
ON
CK
,(
)
,(
)
02
0
12
1
×
×
so that output duty cycles from 0% to 100% are possible. Duty
cycles of 100% are produced if the on-time value exceeds the
period value. Typical auxiliary PWM waveforms in independent
mode are shown in Figure 18a. When Bit 8 of the MODECTRL
register is cleared, the auxiliary PWM channels are placed
Table VIII. Fundamental Characteristics of Auxiliary PWM Timers
Parameter
Test Conditions
Min
Typ
Max
Unit
Resolution
16
Bits
PWM Frequency
10 MHz CLKIN
0.152
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com