Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 14 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 10Page - Analog Devices ADMCF341_15 Datasheet HTML 11Page - Analog Devices ADMCF341_15 Datasheet HTML 12Page - Analog Devices ADMCF341_15 Datasheet HTML 13Page - Analog Devices ADMCF341_15 Datasheet HTML 14Page - Analog Devices ADMCF341_15 Datasheet HTML 15Page - Analog Devices ADMCF341_15 Datasheet HTML 16Page - Analog Devices ADMCF341_15 Datasheet HTML 17Page - Analog Devices ADMCF341_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
REV. A
–14–
ADMC(F)341
PWMSYNC
AH
AL
PWMCHA
PWMCHA
2
PWMDT
PWMSYNCWT + 1
2
PWMDT
SYSSTAT (3)
PWMTM
PWMTM
Figure 7. Typical PWM Outputs of Three-Phase
Timing Unit in Single Update Mode
Each switching edge is moved by an equal amount (PWMDT
tCK) to preserve the symmetrical output patterns. The
PWMSYNC pulse, whose width is set by the PWMSYNCWT
register, is also shown. Bit 3 of the SYSSTAT register indicates
which half cycle is active. This can be useful in double update
mode, as will be discussed later.
The resultant on-times of the PWM signals shown in Figure 7
may be written as:
T
PWMCHA
PWMDT
t
AH
CK
×
2(
)
T
PWMTM
PWMCHA
PWMDT
t
AL
CK
×
2(
)
The corresponding duty cycles are:
d
T
T
PWMCHA
PWMDT
PWMTM
AH
AH
S
==
d
T
T
PWMTM
PWMCHA
PWMDT
PWMTM
AL
AL
S
==
−−
Obviously, negative values of TAH and TAL are not permitted
because the minimum permissible value is zero, corresponding
to a 0% duty cycle. In a similar fashion, the maximum value is
TS, corresponding to a 100% duty cycle.
The output signals from the timing unit for operation in double
update mode are shown in Figure 8. This illustrates a completely
general case where the switching frequency, dead time, and duty
cycle are all changed in the second half of the PWM period. Of
course, the same value for any or all of these quantities could be
used in both halves of the PWM cycle. However, it can be seen
that there is no guarantee that symmetrical PWM signals will be
produced by the timing unit in this double update mode.
Additionally, it is seen that the dead time is inserted into the PWM
signals in the same way as in single update mode.
PWMCHA2
2
PWMDT1
2
PWMDT2
PWMSYNCWT2 + 1
PWMCHA1
PWMTM1
PWMTM2
PWMSYNCWT1 + 1
AH
AL
PWMSYNC
SYSSTAT (3)
Figure 8. Typical PWM Outputs of Three-Phase
Timing Unit in Double Update Mode
In general, the on-times of the PWM signals in double update
mode are defined by:
T
PWMCHA
PWMCHA
PWMDT
PWMDT
T
AH
CK
=
+−
−×
(
)
12
12
T
PWMTM
PWMTM
PWMCHA
PWMCHA
PWMDT
PWMDT
t
AL
CK
=
+−
−−
×
(
)
12
1
212
d
T
T
PWMCHA
PWMCHA
PWMTM
PWMTM
PWMDT
PWMDT
PWMTM
PWMTM
AH
AH
S
==
+
+
+
+
12
12
12
12
d
T
T
PWMTM
PWMTM
PWMCHA
PWMTM
PWMTM
PWMCHA
PWMDT
PWMCHA
PWMTM
PWMTM
AL
AL
S
==
++
+
++
+
12
1
12
21
1
12
because for the completely general case in double update mode,
the switching period is given by:
TPWMTM
PWMTM
t
SCK
=+
×
()
12
Again, the values of TAH and TAL are constrained to lie between
zero and TS.
PWM signals similar to those illustrated in Figure 7 and Figure 8
can be produced on the BH, BL, CH, and CL outputs by
programming the PWMCHB and PWMCHC registers in a
manner identical to that described for PWMCHA.
The PWM controller does not produce any PWM outputs until
all of the PWMTM, PWMCHA, PWMCHB, and PWMCHC
registers have been written to at least once. After these registers
have been written, the counters in the three-phase timing unit
are enabled. Writing to these registers also starts the main PWM
timer. If, during initialization, the PWMTM register is written
before the PWMCHA, PWMCHB, and PWMCHC registers,
the first PWMSYNC pulse (and interrupt if enabled) will be
generated (1.5
× tCK × PWMTM) seconds after the initial write
to the PWMTM register in single update mode. In double update
mode, the first PWMSYNC pulse will be generated (tCK
×
PWMTM) seconds after the initial write to the PWMTM register
in single update mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com