Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 14Page - Analog Devices ADMCF341_15 Datasheet HTML 15Page - Analog Devices ADMCF341_15 Datasheet HTML 16Page - Analog Devices ADMCF341_15 Datasheet HTML 17Page - Analog Devices ADMCF341_15 Datasheet HTML 18Page - Analog Devices ADMCF341_15 Datasheet HTML 19Page - Analog Devices ADMCF341_15 Datasheet HTML 20Page - Analog Devices ADMCF341_15 Datasheet HTML 21Page - Analog Devices ADMCF341_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
REV. A
–18–
ADMC(F)341
Following reset, VC = 0 at t = 0. This reset and the start of the
conversion process are initiated by the PWMSYNC pulse, as
shown in Figure 12. The width of the PWMSYNC pulse is
controlled by the PWMSYNCWT register and should be pro-
grammed according to Figure 13 to ensure complete resetting.
To compensate for IC process manufacturing tolerances (and to
adjust for capacitor tolerances), the current source of the
ADMC(F)341 is software-programmable. Using software to set
the magnitude of the ICONST current generator is accom-
plished by selecting one of eight steps over approximately 20%
current range.
VC
V1
PWMSYNC
COMPARATOR
OUTPUT
VCMAX
TVIL
TPWM – TCRST
TCRST
Figure 12. Analog Input Block Operation
The ADC system consists of four comparators and a single
timer that may be clocked at either the DSP rate or half the
DSP rate, depending on the setting of the ADCCNT bit (Bit 7)
of the MODECTRL register. When this bit is cleared, the timer
counts at a slower rate of CLKIN. When this bit is set, it counts
at CLKOUT or twice the rate of CLKIN. ADC1, ADC2, ADC3,
and ADCAUX are the registers that capture the conversion times,
which are the timer values when the associated comparator trips.
200
150
100
50
0
0
2
4
6
8
10
CHARGING CAPACITOR – nF
Figure 13. PWMSYNCWT Program Value
ADC Resolution
The ADC is intrinsically linked to the PWM block through the
PWMSYNC pulse’s control of the ADC conversion process.
Because of this link, the effective resolution of the ADC is a
function of both the PWM switching frequency and the rate at
which the ADC counter timer is clocked. For a CLKOUT
period of tCK and a PWM period of TPWM, the maximum count
of the ADC is given by:
Max Count
T
T
t
for MODECTRL Bit
Max Count
T
T
t
for MODECTRL Bit
PWM
CRST
CK
PWM
CRST
CK
=−
=
=−
=
min
min
(, (
)/
)
(, (
)/
)
4095
2
70
4095
71
where TPWM is equal to the PWM period if operating in single
update mode to half that period if operating in double update
mode. For an assumed CLKOUT frequency of 20 MHz and
PWMSYNC pulsewidth of 2.0
µs, the effective resolution of
the ADC block is tabulated for various PWM switching fre-
quencies in Table VII.
Table VII. ADC Resolution Examples
PWM
MODECTRL[7] = 0
MODECTRL[7] = 1
Frequency
Max
Effective
Max
Effective
(kHz)
Count
Resolution
Count
Resolution
2.4
4095
12
4095
12
4
2480
>11
4095
12
8
1230
>10
2460
>11
18
535
>9
1070
>10
25
380
>8
760
>9
Programmable Current Source
The ADMC(F)341 has an internal current source that is used
to charge an external capacitor, generating the voltage ramp
used for conversion. The magnitude of the output of the current
source circuit is subject to manufacturing variations and can
vary from one device to the next. Therefore, the ADMC(F)341
includes a programmable current source whose output can
always be tuned to within 5% of the target 100
µA. A 3-bit
register, ICONST_TRIM, allows the user to make this adjust-
ment. The output current is proportional to the value written to
the register: 0x0 produces the minimum output and 0x7 produces
the maximum output. The default value of ICONST_TRIM after
reset is 0x0.
Charging Capacitor Selection
The charging capacitor value is selected based on the sample
(PWM) frequency desired. A too-small capacitor value will reduce
the available resolution of the ADC by having the ramp voltage rise
rapidly and convert too quickly, not utilizing all possible counts
available in the PWM cycle. A too-large capacitor may not convert
in the available PWM cycle returning 0x000.
To select a charging capacitor use Figure 14. Select the sam-
pling frequency desired, determine if the current source is to be
tuned to a nominal 100
µA or left in the default (0x0 code) trim
state, then determine the proper charge capacitor off the appro-
priate curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com