Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 22Page - Analog Devices ADMCF341_15 Datasheet HTML 23Page - Analog Devices ADMCF341_15 Datasheet HTML 24Page - Analog Devices ADMCF341_15 Datasheet HTML 25Page - Analog Devices ADMCF341_15 Datasheet HTML 26Page - Analog Devices ADMCF341_15 Datasheet HTML 27Page - Analog Devices ADMCF341_15 Datasheet HTML 28Page - Analog Devices ADMCF341_15 Datasheet HTML 29Page - Analog Devices ADMCF341_15 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
REV. A
–26–
ADMC(F)341
Table XII. Peripheral Register Map
Address (hex)
Name
Bits Used
Function
0x2000
ADC1
[15 ...4]
ADC Results for ISENSE1
0x2001
ADC2
[15 ...4]
ADC Results for ISENSE2
0x2002
ADC3
[15 ...4]
ADC Results for ISENSE3
0x2003
ADCAUX
[15 ...4]
ADC Results for VAUX
0x2004
PORTA_DIR
[8 . . . 0]
PA8 . . . PA0 Direction Setting
0x2005
PORTA_DATA
[8 . . . 0]
PA8 . . . PA0 Input/Output Data
0x2006
PORTA_INTEN
[8 . . . 0]
PA8 . . . PA0 Interrupt Enable
0x2007
PORTA_FLAG
[8 . . . 0]
PA8 . . . PA0 Interrupt Status
0x2008
PWMTM
[15 ...0]
PWM Period
0x2009
PWMDT
[9 . . . 0]
PWM Dead Time
0x200A
PWMPD
[9 . . . 0]
PWM Pulse Deletion Time
0x200B
PWMGATE
[9 . . . 0]
PWM Gate Drive Configuration
0x200C
PWMCHA
[15 ...0]
PWM Channel A Pulsewidth
0x200D
PWMCHB
[15 ...0]
PWM Channel B Pulsewidth
0x200E
PWMCHC
[15 ...0]
PWM Channel C Pulsewidth
0x200F
PWMSEG
[8 . . . 0]
PWM Segment Select
0x2010
AUXCH0
[7 . . . 0]
AUX PWM Output 0
0x2011
AUXCH1
[7 . . . 0]
AUX PWM Output 1
0x2012
AUXTM0
[7 . . . 0]
Auxiliary PWM Frequency Value
0x2013
AUXTM1
[7 . . . 0]
Auxiliary PWM Frequency Value/Offset
0x2014
Reserved
0x2015
MODECTRL
[8 . . . 0]
Mode Control Register
0x2016
SYSSTAT
[3 . . . 0]
System Status
0x2017
IRQFLAG
[1 . . . 0]
Interrupt Status
0x2018
WDTIMER
[15 ...0]
Watchdog Timer
0x2019 . . . 48
Reserved
0x2049
PORTA-SELECT
[8 . . . 0]
PA8 . . . PA0 Mode Select
0x204A . . . 5F
Reserved
0x2060
PWMSYNCWT
[7 . . . 0]
PWMSYNC Pulsewidth
0x2061
PWMSWT
[0]
PWM S/W Trip Bit
0x2062 . . . 67
Reserved
0x2068
ICONST_TRIM
[2 . . . 0]
ICONST_TRIM
0x2069
SHA1_TM
[15 ...0]
Sample Hold Timer 1
0x206A
SHA2_TM
[15 ...0]
Sample Hold Timer 2
0x206B
SHA3_TM
[15 ...0]
Sample Hold Timer 3
0x2070
Reserved
0x2080
FMCR
[15 ...0]
Flash Memory Control Register (ADMCF341 Only)
0x2081
FMAR
[11 ...0]
Flash Memory Address Register (ADMCF341 Only)
0x2082
FMDRH
[13 ...0]
Flash Memory Data Register High (ADMCF341 Only)
0x2083
FMDRL
[15 ...0]
Flash Memory Data Register Low (ADMCF341 Only)
0x2084 . . . FF
Reserved (ADMCF341 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com