Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 5 Page - Analog Devices

  ADMCF341_15 Datasheet HTML 1Page - Analog Devices ADMCF341_15 Datasheet HTML 2Page - Analog Devices ADMCF341_15 Datasheet HTML 3Page - Analog Devices ADMCF341_15 Datasheet HTML 4Page - Analog Devices ADMCF341_15 Datasheet HTML 5Page - Analog Devices ADMCF341_15 Datasheet HTML 6Page - Analog Devices ADMCF341_15 Datasheet HTML 7Page - Analog Devices ADMCF341_15 Datasheet HTML 8Page - Analog Devices ADMCF341_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
REV. A
ADMC(F)341
–5–
TIMING PARAMETERS
Parameter
Min
Max
Unit
Serial Ports
Timing Requirements:
tSCK
SCLK Period
100
ns
tSCS
DR/TFS/RFS Setup before SCLK Low
15
ns
tSCH
DR/TFS/RFS Hold after SCLK Low
20
ns
tSCP
SCLKIN Width
40
ns
Switching Characteristics:
tCC
CLKOUT High to SCLKOUT
0.25 tCK
0.25 tCK + 20
ns
tSCDE
SCLK High to DT Enable
0
ns
tSCDV
SCLK High to DT Valid
30
ns
tRH
TFS/RFSOUT Hold after SCLK High
0
ns
tRD
TFS/RFSOUT Delay from SCLK High
30
ns
tSCDH
DT Hold after SCLK High
0
ns
tSCDD
SCLK High to DT Disable
30
ns
tTDE
TFS (Alt) to DT Enable
0
ns
tTDV
TFS (Alt) to DT Valid
25
ns
tRDV
RFS (Multichannel, Frame Delay Zero) to DT Valid
30
ns
Specifications subject to change without notice.
tCC
tCC
tSCS
tRD
tRH
tSCDV
tSCDE
tSCDD
tTDV
tRDV
CLKOUT
SCLK
DR
RFSIN
TFSIN
RFSOUT
TFSOUT
DT
TFS
(ALTERNATE
FRAME MODE)
RFS
(MULTICHANNEL MODE,
FRAME DELAY 0 [MFD = 0])
tSCP
tSCK
tSCP
tSCH
tSCDH
tTDE
Figure 2. Serial Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com