Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 27 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 23Page - Analog Devices ADMCF341_15 Datasheet HTML 24Page - Analog Devices ADMCF341_15 Datasheet HTML 25Page - Analog Devices ADMCF341_15 Datasheet HTML 26Page - Analog Devices ADMCF341_15 Datasheet HTML 27Page - Analog Devices ADMCF341_15 Datasheet HTML 28Page - Analog Devices ADMCF341_15 Datasheet HTML 29Page - Analog Devices ADMCF341_15 Datasheet HTML 30Page - Analog Devices ADMCF341_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
REV. A
ADMC(F)341
–27–
Table XIII. DSP Core Registers
Address (hex)
Name
Bits
Function
0x3FFF
SYSCNTL
[15 . . . 0]
System Control Register
0x3FFE
MEMWAIT
[15 . . . 0]
Memory Wait State Control Register
0x3FFD
TPERIOD
[15 . . . 0]
Interval Timer Period Register
0x3FFC
TCOUNT
[15 . . . 0]
Interval Timer Count Register
0x3FFB
TSCALE
[7 . . . 0]
Interval Timer Scale Register
0x3FFA
SPORT0_RX_WORDS1
[15 . . . 0]
SPORT0 Multichannel Word 1 Receive
0x3FF9
SPORT0_RX_WORDS0
[15 . . . 0]
SPORT0 Multichannel Word 0 Receive
0x3FF8
SPORT0_TX_WORDS1
[15 . . . 0]
SPORT0 Multichannel Word 1 Transmit
0x3FF7
SPORT0_TX_WORDS0
[15 . . . 0]
SPORT0 Multichannel Word 0 Transmit
0x3FF6
SPORT0_CTRL_REG
[15 . . . 0]
SPORT0 Control Register
0x3FF5
SPORT0_SCLKDIV
[15 . . . 0]
SPORT0 Clock Divide Register
0x3FF4
SPORT0_RFSDIV
[15 . . . 0]
SPORT0 Receive Frame Sync Divide
0x3FF3
SPORT0_AUTOBUF_CTRL
[15 . . . 0]
SPORT0 Autobuffer Control Register
0x3FF2
SPORT1_CTRL_REG
[15 . . . 0]
SPORT1 Control Register
0x3FF1
SPORT1_SCLKDIV
[15 . . . 0]
SPORT1 Clock Divide Register
0x3FF0
SPORT1_RFSDIV
[15 . . . 0]
SPORT1 Receive Frame Sync Divide
0x3FEF
SPORT1_AUTOBUF_CTRL
[15 ...0]
SPORT1 Autobuffer Control Register
FLASH MEMORY CONTROL REGISTER
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0x2080
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
FLASH MEMORY ADDRESS REGISTER
0
0
0
0
0
0
0
00
0
0
00
0
0
0
0x2081
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
ALWAYS READ 0
ADDRESS 11
0
FLASH MEMORY DATA REGISTER LOW (FMDRL)
0
0
0
0
0
0
0
00
0
0
00
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
ALWAYS READ 0
0x2083
STATUS 5
0
DATA 7
0
FLASH MEMORY DATA REGISTER HIGH (FMDRH)
0
0
0
0
0
0
0
00
0
0
00
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x2082
DATA 23
8
MOST SIGNIFICANT BIT IS ON THE LEFT. FOR EXAMPLE, DATA23 IS BIT 15 OF FMDRH.
BOOT
MEMORY
FLASH
CODE
Figure 22. Configuration of Flash Memory Registers
Default bit values are shown; if no value is shown, the bit field is undefined at reset.
Reserved bits are shown on a gray field—these bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com