Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 30 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 30 Page - NEC

Back Button UPC8002 Datasheet HTML 24Page - NEC UPC8002 Datasheet HTML 25Page - NEC UPC8002 Datasheet HTML 26Page - NEC UPC8002 Datasheet HTML 27Page - NEC UPC8002 Datasheet HTML 28Page - NEC UPC8002 Datasheet HTML 29Page - NEC UPC8002 Datasheet HTML 30Page - NEC UPC8002 Datasheet HTML 31Page - NEC UPC8002 Datasheet HTML 32Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
µPC8002
30
11. RECOMMENDED SOLDERING CONDITIONS
The following conditions ( see table below) must be met when soldering this product.
For more details, refer to our document "SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY
MANUAL" (C10535E).
Please consult with our sales offices in case other soldering process or condition is used.
IR35-107-2
VP15-107-2
Note Exposure limit before soldering after dry-pack package is opened.
Storage conditions : 25 ˚C and relative humidity at 65 % or less.
Caution
Do not apply more than one soldering method at any one time, except for " Partial heating
method".
VPS
Peak package's surface temperature: 235 ˚C or below.
Reflow time : 30 seconds or below (210 ˚C or higher),
Number of reflow processes : MAX.2
Exposure limit Note : 7 days
(10 hours pre-baking is required at 125 ˚C afterwards)
Peak package's temperature: 215 ˚C or below.
Reflow time : 40 seconds or below (200 ˚C or higher),
Number of reflow processes : MAX. 2
Exposure limit Note : 7 days
(10 hours pre-baking is required at 125 ˚C afterwards)
Terminal temperature : 300 ˚C or below,
Time : 3 seconds or below (Per side of pin position)
TYPE OF SURFACE MOUNT DEVICE
Partial heating
method
Infrared Ray Reflow
µPC8002GR
Soldering process
Soldering conditions
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com