Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 19 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 19 Page - NEC

Back Button UPC8002 Datasheet HTML 15Page - NEC UPC8002 Datasheet HTML 16Page - NEC UPC8002 Datasheet HTML 17Page - NEC UPC8002 Datasheet HTML 18Page - NEC UPC8002 Datasheet HTML 19Page - NEC UPC8002 Datasheet HTML 20Page - NEC UPC8002 Datasheet HTML 21Page - NEC UPC8002 Datasheet HTML 22Page - NEC UPC8002 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
µPC8002
19
7. TEST CIRCUIT EXAMPLES
In test circuit example 2 onward, only the portion that differs from test circuit example 1 is shown.
Test Circuit Example 1.
Caution
The 10 pF capacitor value for IF2 OUT and RSSI OUT includes all the capacitances (board,
pattern, etc.) applied to the pin. Ensure that the recommended load condition (10 pF) is not
exceeded for IF2 OUT and RSSI OUT.
Remark
Chip laminated ceramic capacitors (MURATA GRM36 or equivalent) should be used.
PD
MIX OUT
VCC (IF)
VCC (MIX)
LO IN
GND (IF)
GND (MIX)
MIX IN1
MIX IN2
RSSI OUT
VCC
82 pF
1
2
3
4
5
6
7
8
9
10
1 F
1000 pF
1 F
1000 pF
470 pF
50
Ω
470 pF
50
Ω
470 pF
10 pF
1000 pF
BYPASS1
IF1 IN
BYPASS2
IF1 OUT
BYPASS4
IF2 IN
BYPASS3
GND (IF OUT)
VCC (IF OUT)
IF2 OUT
20
19
18
17
16
15
14
13
12
11
330 pF
50
Ω
1000 pF
0.01 F
0.01 F
1 F
1000 pF
10 k
Ω
10 pF
VCC
VCC
VCC
1000 pF
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com