Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 18 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 18 Page - NEC

Back Button UPC8002 Datasheet HTML 14Page - NEC UPC8002 Datasheet HTML 15Page - NEC UPC8002 Datasheet HTML 16Page - NEC UPC8002 Datasheet HTML 17Page - NEC UPC8002 Datasheet HTML 18Page - NEC UPC8002 Datasheet HTML 19Page - NEC UPC8002 Datasheet HTML 20Page - NEC UPC8002 Datasheet HTML 21Page - NEC UPC8002 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
µPC8002
18
6. TEST METHODS
(1) Mixer input section
(a) With 50
Ω resistance termination
(b) With 50
Ω LC matching
Note
Since the values of L and C are affected by the board’s parasitic capacitance and inductance, L and
C should be adjusted so that the impedance looking at the MIX IN pin side from the signal source is
50
Ω.
(2) Third order intercept
82 pF
MIX OUT
2
470 p
MIX IN1
8
LO IN
5
VMIX
50
Ω
16.7
Ω
16.7
Ω
16.7
Ω
f1 = 250.3 MHz
f2 = 250.6 MHz
470 p
50
Ω
fOSC = 239.3 MHz
MIX IN1
470 pF
50
Ω
VMIX
MIX IN1
470 pF
VMIX
CNote
LNote
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com