Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 4 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 4 Page - NEC

  UPC8002 Datasheet HTML 1Page - NEC UPC8002 Datasheet HTML 2Page - NEC UPC8002 Datasheet HTML 3Page - NEC UPC8002 Datasheet HTML 4Page - NEC UPC8002 Datasheet HTML 5Page - NEC UPC8002 Datasheet HTML 6Page - NEC UPC8002 Datasheet HTML 7Page - NEC UPC8002 Datasheet HTML 8Page - NEC UPC8002 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
µPC8002
4
Application Circuit Example 3 (Using 1 BPF)
Cautions 1.
With this application circuit, good interfering wave characteristics are obtained with a single
BPF. However, there is a drop in sensitivity.
2.
Ensure that the pin voltage does not exceed the power supply voltage.
Remark
The VCC pass capacitors (1
µF, 1000 pF) should be located close to the respective VCC pins.
Chip laminated ceramic capacitors (MURATA GRM36 or equivalent) should be used.
PD
MIX OUT
VCC (IF)
VCC (MIX)
LO IN
GND (IF)
GND (MIX)
MIX IN1
MIX IN2
RSSI OUT
1 F
1000 pF
1 F
1000 pF
VCC
470 pF
470 pF
470 pF
20
19
18
17
16
15
14
13
12
11
BYPASS1
IF1 IN
BYPASS2
IF1 OUT
BYPASS4
IF2 IN
BYPASS3
GND (IF OUT)
VCC (IF OUT)
IF2 OUT
1000 pF
1000 pF
0.01 F
0.01 F
VCC
1 F
1000 pF
1
2
3
4
5
6
7
8
9
10
VCC
VCC
1000 pF
390
Ω
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com