Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 17 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 17 Page - NEC

Back Button UPC8002 Datasheet HTML 13Page - NEC UPC8002 Datasheet HTML 14Page - NEC UPC8002 Datasheet HTML 15Page - NEC UPC8002 Datasheet HTML 16Page - NEC UPC8002 Datasheet HTML 17Page - NEC UPC8002 Datasheet HTML 18Page - NEC UPC8002 Datasheet HTML 19Page - NEC UPC8002 Datasheet HTML 20Page - NEC UPC8002 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
µPC8002
17
5. LEVEL DIAGRAMS
(1) For Application Circuit 1
Notes 1. 50
Ω resistance termination
2. LC matching (reference value)
(2) For Application Circuit 2
MIXER
PC8002GR
+ 8 dBNote 1
+ 17 dBNote 2
BPF
_ 4 dB
IF Amp1
+ 42 dB
BPF
_ 4 dB
IF Amp2
+ 66 dB
IF OUT
0.3 Vp-p
_ 18 dBmNote 1
_ 27 dBmNote 2
_ 6.5 dBm
_ 90 dBm
_ 94 dBm
_ 56 dBm
80 dB
_ 52 dBm
_ 98 dBmNote 1
_ 107 dBmNote 2
_ 10 dBm
_ 14 dBm
80 dB
_ 12 dBm
_ 16 dBm
µ
MIXER
PC8002GR
+ 8 dBNote 1
+ 17 dBNote 2
330 pF
IF Amp1
+ 42 dB
BPF
_ 4 dB
IF Amp2
+ 66 dB
IF OUT
0.3 Vp-p
_ 18 dBmNote 1
_ 27 dBmNote 2
_ 6.5 dBm
_ 90 dBm
_ 52 dBm
80 dB
_ 48 dBm
_ 98 dBmNote 1
_ 107 dBmNote 2
_ 10 dBm
_ 12 dBm
_ 16 dBm
80 dB
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com