Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 23 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 23 Page - NEC

Back Button UPC8002 Datasheet HTML 19Page - NEC UPC8002 Datasheet HTML 20Page - NEC UPC8002 Datasheet HTML 21Page - NEC UPC8002 Datasheet HTML 22Page - NEC UPC8002 Datasheet HTML 23Page - NEC UPC8002 Datasheet HTML 24Page - NEC UPC8002 Datasheet HTML 25Page - NEC UPC8002 Datasheet HTML 26Page - NEC UPC8002 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
µPC8002
23
470 pF
5
LO IN
50
Ω
SG
239.3 MHz
2
MIX OUT
82 pF
Spectrum
analyzer
470 pF
8
MIX IN1
See 6. TEST METHODS (2)
470 pF
5
LO IN
50
Ω
SG
239.3 MHz
2
MIX OUT
82 pF
Spectrum
analyzer
470 pF
8
MIX IN1
SG
250 MHz
See 6. TEST METHODS (1)
Test Circuit Example 8. (Conversion gain, –1 dB compression level)
Test Circuit Example 10. (Local separation)
Test Circuit Example 9. (Third order intercept output level)
470 pF
5
LO IN
50
Ω
SG
239.3 MHz
2
MIX OUT
82 pF
Spectrum
analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com