Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 21 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 21 Page - NEC

Back Button UPC8002 Datasheet HTML 17Page - NEC UPC8002 Datasheet HTML 18Page - NEC UPC8002 Datasheet HTML 19Page - NEC UPC8002 Datasheet HTML 20Page - NEC UPC8002 Datasheet HTML 21Page - NEC UPC8002 Datasheet HTML 22Page - NEC UPC8002 Datasheet HTML 23Page - NEC UPC8002 Datasheet HTML 24Page - NEC UPC8002 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
µPC8002
21
Test Circuit Example 4. (IF amplifier phase fluctuation)
Caution
The 10 pF capacitor value for RSSI OUT includes all the capacitances (board, pattern, etc) applied
to the pin.
Caution
The 10 pF capacitor value for IF2 OUT includes all the capacitance (board, pattern, etc.) applied
to the pin. Ensure that the recommended load condition (10 pF) is not exceeded.
Test Circuit Example 5. (RSSI rise time, RSSI fall time)
... Time until RSSI output is within
±10 % of the final value)
330 pF
IF1 IN
17
IF1 OUT
10
RSSI OUT
10 pF
For IF2 input
Storage
oscilloscope 2
15
IF2 IN
For IF1 input
50
SG
10.7 MHz, _14 dBm
Storage
oscilloscope 1
330 pF
50
SG
10.7 MHz, _14 dBm
Input signal from SG
1 SEC
50
SEC
19
µ
19
IF1 IN
50
330 pF
Network
analyzer
11
IF2 OUT
10 pF
10 k
Attenuator
1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com