Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 20 Page - NEC

Part # UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002 Datasheet(HTML) 20 Page - NEC

Back Button UPC8002 Datasheet HTML 16Page - NEC UPC8002 Datasheet HTML 17Page - NEC UPC8002 Datasheet HTML 18Page - NEC UPC8002 Datasheet HTML 19Page - NEC UPC8002 Datasheet HTML 20Page - NEC UPC8002 Datasheet HTML 21Page - NEC UPC8002 Datasheet HTML 22Page - NEC UPC8002 Datasheet HTML 23Page - NEC UPC8002 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
µPC8002
20
3
VCC (IF)
A
VCC
1000 pF
12
VCC (IF OUT)
1000 pF
1 F
4
VCC (MIX)
A
1000 pF
1 F
VCC
µ
µ
Test Circuit Example 2. (Power supply current, power-off power supply current)
Caution
The 10 pF capacitor value for IF2 OUT and RSSI OUT includes all the capacitances (board,
pattern, etc.) applied to the pin. Ensure that the recommended load condition (10 pF) is not
exceeded for IF2 OUT and RSSI OUT.
Test Circuit Example 3. (Limiting sensitivity, IF amplifier output amplitude, IF amplifier output amplitude rise
time, IF amplifier output amplitude fall time, RSSI linearity, RSSI slope, RSSI
intercept, RSSI output voltage, RSSI temperature stability, RSSI output ripple)
19
IF1 IN
10
RSSI OUT
330 pF
50
Ω
10 pF
Digital voltmeter
Oscilloscope
11
IF2 OUT
10 pF
10 k
Ω
Spectrum
analyzer
Oscilloscope
SG (Signal generator)
10.7 MHz
1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com