Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 4 Page - Analog Devices

  SSM2018_15 Datasheet HTML 1Page - Analog Devices SSM2018_15 Datasheet HTML 2Page - Analog Devices SSM2018_15 Datasheet HTML 3Page - Analog Devices SSM2018_15 Datasheet HTML 4Page - Analog Devices SSM2018_15 Datasheet HTML 5Page - Analog Devices SSM2018_15 Datasheet HTML 6Page - Analog Devices SSM2018_15 Datasheet HTML 7Page - Analog Devices SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSM2018
Data Sheet
Rev. C | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
Dual Supply
±18 V
Input Voltage
±VS
Operating Temperature Range
−40°C to +85°C
Storage Temperature
−65°C to +150°C
Junction Temperature (TJ)
150°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD Ratings
883 (Human Body) Model
500 V
EIAJ Model
100 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
TRANSISTOR COUNT
Number of Transistors
SSM2018 .........................................................................................125
THERMAL RESISTANCE
θJA is specified for worst-case conditions, that is, θJA is specified
for device in socket for P-DIP.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead ,Plastic DIP
76
33
°C/W
Figure 2. Typical Application Circuit
ESD CAUTION
VIN+
VIN–
1
V+
2
3
4
VOUT
1µF 18kΩ
18kΩ
150kΩ
50pF
47pF
18kΩ
3kΩ
1kΩ
1µF
1µF
VCONTROL
16
15
14
13
5
6
7
12
11
V–
V+
10
8
9
SSM2018T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com