Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2018_15 Datasheet HTML 4Page - Analog Devices SSM2018_15 Datasheet HTML 5Page - Analog Devices SSM2018_15 Datasheet HTML 6Page - Analog Devices SSM2018_15 Datasheet HTML 7Page - Analog Devices SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices SSM2018_15 Datasheet HTML 10Page - Analog Devices SSM2018_15 Datasheet HTML 11Page - Analog Devices SSM2018_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SSM2018
Data Sheet
Rev. C | Page 8 of 16
Figure 16. Gain vs. Frequency
Figure 17. Distortion vs. Temperature
Figure 18. Output Noise vs. Gain (VIN = GND, 20 kHz Bandwidth)
Figure 19. Control Feedthrough Distribution
Figure 20. Control Feedthrough vs. Frequency
Figure 21. Control Feedthrough vs. Temperature
60
40
20
0
–20
–40
–60
–80
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
0.06
0.05
0.04
0.03
0.02
0.01
0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
TA = +25°C
VS = ±15V
VIN = +10dBu
AV = –20dB
AND
VIN = –10dBu
AV = +20dB
VIN = 10dBu
AV = 0dB
–60
–70
–80
–90
–100
–110
–40
–60
–20
0
20
40
GAIN (dB)
TA = +25°C
VS = ±15V
100
90
80
70
60
50
40
30
20
10
0
–3
–2
–1
0
1
2
CONTROL FEEDTHROUGH (mV)
TA = +25°C
0V < VC < 1.2V
FREQ = 0Hz
300 UNITS
0
–20
–40
–60
–80
–100
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
VC = 100mV rms
3
2
1
0
–1
–2
–3
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
0V < VC < 1.2V
FREQ = 0Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com