Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2018_15 Datasheet HTML 3Page - Analog Devices SSM2018_15 Datasheet HTML 4Page - Analog Devices SSM2018_15 Datasheet HTML 5Page - Analog Devices SSM2018_15 Datasheet HTML 6Page - Analog Devices SSM2018_15 Datasheet HTML 7Page - Analog Devices SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices SSM2018_15 Datasheet HTML 10Page - Analog Devices SSM2018_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 7 of 16
Figure 10. Noise Density vs. Frequency (Unity Gain, Referred to Input)
Figure 11. Maximum Output Swing vs. Supply Voltage
(THD = 1% Max)
Figure 12. Maximum Output Swing vs. Frequency
(THD = 1 % Max)
Figure 13. Maximum Output Swing vs. Load Resistance (THD = 1 % Max)
Figure 14. Typical Output Offset vs. Gain
Figure 15. Gain and Phase vs. Frequency
500
400
300
200
100
0
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
25
20
15
10
5
0
5
10
15
20
SUPPLY VOLTAGE (±V)
TA = +25°C
RF = Ω
RL =
RL =
10kΩ
18
15
12
9
6
3
0
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
RF =
∞Ω
RL =
RL =
10kΩ
15
12
9
6
3
0
100
1k
10k
100k
LOAD RESISTANCE (Ω)
TA = +25°C
VS = ±15V
RF =
18kΩ
100
90
80
70
60
50
40
30
20
10
0
–80
–60
–40
–20
0
20
40
GAIN (dB)
TA = +25°C
VS = ±15V
10
90
45
0
–45
–90
–135
5
0
–5
–10
–15
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
PHASE
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com