Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 5 Page - Analog Devices

  SSM2018_15 Datasheet HTML 1Page - Analog Devices SSM2018_15 Datasheet HTML 2Page - Analog Devices SSM2018_15 Datasheet HTML 3Page - Analog Devices SSM2018_15 Datasheet HTML 4Page - Analog Devices SSM2018_15 Datasheet HTML 5Page - Analog Devices SSM2018_15 Datasheet HTML 6Page - Analog Devices SSM2018_15 Datasheet HTML 7Page - Analog Devices SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3.
Table 4. Pin Function Descriptions
Pin No.
Name
Description
1
+I1−G
Positive Current Feedback Input for V1-G.
2
V+
Positive Power Supply. Connect this pin directly to the positive power rail.
3
−IG
Negative Current Feedback Input for VG.
4
−I1−G
Negative Current Feedback Input for V1-G.
5
COMP1
Compensation Pin. Apply a capacitor to the COMPx pins according to the Compensating
the SSM2018 section.
6
+IN
Non-Inverting Current Input.
7
−IN
Inverting Current Input.
8
COMP2
Compensation Pin. Apply a capacitor to the COMPx pins according to the Compensating
the SSM2018 section.
9
COMP3
Compensation Pin. Apply a capacitor to the COMPx pins according to the Compensating
the SSM2018section.
10
V−
Negative Power Supply. Connect this pin directly to negative power rail.
11
VC
Control Voltage Input Port. Apply voltage to control VCA according to the Control Section.
12
MODE
Operating Mode Pin. Selects Class A or Class AB operation as described in the Proper
Operating Mode for the SSM2018 section.
13
GND
Ground.
14
VG
Output Voltage at Gain of G.
15
BAL
Symmetry Trim Input for Older Version. Do not connect for SSM2108T operation.
16
V1−G
Output Voltage at Gain of 1-G.
+I1–G 1
V+
2
–IG 3
–I1–G 4
V1–G
16
BAL
15
VG
14
GND
13
COMP 1
5
+IN
6
–IN
7
MODE
12
VC
11
V–
10
COMP 2
8
COMP 3
9
SSM2018
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com