Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices SSM2018_15 Datasheet HTML 10Page - Analog Devices SSM2018_15 Datasheet HTML 11Page - Analog Devices SSM2018_15 Datasheet HTML 12Page - Analog Devices SSM2018_15 Datasheet HTML 13Page - Analog Devices SSM2018_15 Datasheet HTML 14Page - Analog Devices SSM2018_15 Datasheet HTML 15Page - Analog Devices SSM2018_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 15 of 16
If a symmetry trim is to be performed, it should precede the
control feedthrough trim and be done as follows:
1. Apply a 1 kHz sine wave of 10 dBu to the input with the
control voltage set for unity gain.
2. Adjust the symmetry trim potentiometer to minimize
distortion of the output signal.
Next, the control feedthrough trim is done as follows:
1. Ground the input signal port and apply a 60 Hz sine wave
to the control port. The sine wave should have its high and
low peaks correspond to the highest gain to be used in the
application and 30 dB of attenuation, respectively. For
example, a range of 20 dB gain to 30 dB attenuation
requires that the sine wave amplitude ranges between
−560 mV and +840 mV on Pin 11.
2. Adjust the control feedthrough potentiometer to null the
signal seen at the output.
Figure 34. OVCE Follower/VCA Connection
Figure 35. OVCE Application Circuit
VOLTAGE CONTROLLED PANNER
An interesting circuit that is built with the OVCE building
block is a voltage controlled panner. Figure 36 shows the
feedback connection for the circuit. Note that the average of
both outputs is fed back to the input. Thus, the average must be
equal to the input voltage. When the control voltage is set for
gain at VG, this causes V1–G to attenuate (to keep the average the
same). On the other hand, when VG is attenuated, V1–G is
amplified. The result is that the control voltage causes the input
to pan from one output to the other. The following expressions
show how this circuit works mathematically:
VG = 2 K × VIN and VI−G = 2(1 − K) × VIN
(4)
where K varies between 0 and 1 as the control voltage is
changed from full attenuation to full gain, respectively.
When VC = 0, then K = 0.5 and VG = V1–G = VIN. Again,
trimming is required for best performance. Pin 9 must be
grounded. This is possible because the feedback is constant and
the adaptive network is not needed. The VCP is the only
application shown in this data sheet where Pin 9 is grounded.
Figure 36. Basic VCP Connection
VG
VC
VIN
V1–G
1
V+
+
–
2
3
4
VG
V–
1µF
NC
SYMMETRY
TRIM
CONTROL
FEEDTHROUGH
TRIM
1kΩ
18kΩ
NOTES
1. RB = 30kΩ FOR CLASS A.
150kΩ FOR CLASS B.
2. NC = NO CONNECT.
470kΩ
18kΩ
10MΩ
500kΩ
INPUTS
RB
V+
V–
50pF
220pF
3kΩ
VCONTROL
16
15
14
13
5
6
7
12
11
V+
10
8
9
50pF
V1–G
SSM2018
100kΩ
VG
VC
VIN
V1–G
VG
VC
18kΩ
18kΩ
VIN
V1–G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com