Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices SSM2018_15 Datasheet HTML 10Page - Analog Devices SSM2018_15 Datasheet HTML 11Page - Analog Devices SSM2018_15 Datasheet HTML 12Page - Analog Devices SSM2018_15 Datasheet HTML 13Page - Analog Devices SSM2018_15 Datasheet HTML 14Page - Analog Devices SSM2018_15 Datasheet HTML 15Page - Analog Devices SSM2018_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2018
Data Sheet
Rev. C | Page 14 of 16
DIGITAL CONTROL OF THE GAIN
A common method of controlling the gain of a VCA is to use a
digital-to-analog converter to set the control voltage. Figure 32
shows a 12-bit DAC, the DAC8512, controlling the SSM2018.
The DAC8512 is a complete 12-bit converter in an 8-pin package.
It includes an on-board reference and an output amplifier to
produce an output voltage from 0 V to 4.095 V, which is 1 mV/bit.
Since the voltage is always positive, this circuit only provides
attenuation. The resistor divider on the output of the DAC8512
is set to scale the output voltage so that full scale produces 80 dB
of attenuation. The resistor divider can be adjusted to provide
other attenuation ranges. If a parallel interface is needed, then
the DAC8562 may be used or, for a dual DAC, the AD8582.
Figure 32. 12-Bit DAC Controls the VCA Gain
SUPPLY CONSIDERATIONS AND SINGLE-SUPPLY
OPERATION
The SSM2018 has a wide operating supply range. Many of
the graphs in this data sheet show the performance of the part
from ±5 V to ±18 V. These graphs offer typical performance
specifications and are a good indication of the parts’ capabilities.
The minimum operating supply voltage is ±4.5 V. Below this
voltage, the parts are inoperable. Thus, to account for supply
variations, the recommended minimum supply is ±5 V.
For simplicity, the circuits in the data sheet do not show supply
decoupling; however, to ensure best performance, each supply pin
should be decoupled with a 0.1 µF ceramic (or other low resistance
and inductance type) capacitor as close to the package as possible.
This minimizes the chance of supply noise feeding through the
part causing excessive noise in the audio frequency range.
The SSM2018 can be operated in single-supply mode as long as
the circuit is properly biased. Figure 33 shows the proper
configuration, which includes an amplifier to create a false
ground node midway between the supplies. A high quality, wide
bandwidth audio amplifier, such as the ADA4897-1 or the
AD797, should be used to ensure a very low impedance ground
over the full audio frequency range. The minimum operating
supply for the SSM2018 is ±5 V, which gives a minimum single-
supply of +10 V and ground. The performance of the circuit
with +10 V is identical to graphs that show operation of the
SSM2018 with ±5 V supplies.
Figure 33. Single-Supply Operation of SSM2018
OPERATIONAL VOLTAGE CONTROLLED ELEMENT
The SSM2018 has considerable flexibility beyond the basic VCA
circuit utilized throughout this data sheet. The name
operational voltage controlled element (OVCE) comes from the
fact that the part behaves much like an operational amplifier
with a second voltage controlled output. The symbol for the
OVCE connected as a unity gain follower/VCA is shown in
Figure 34. The voltage output labeled V1–G is fed back to the
inverting input as it is for an op amp’s feedback. The VG output
is amplified or attenuated depending upon the control voltage.
Because the OVCE works similarly to an op amp, the feedback
could as easily have included resistors to add gain, or a filter
network to add frequency shaping. The full application circuit
for the OVCE is shown in Figure 35. Note that the amplifier
whose output (Pin 16) was originally connected to VMINUS is
now the output for feedback. As mentioned before, because the
SSM2018 is trimmed for the basic VCA configuration,
potentiometers are needed for the OVCE configuration to
ensure the best THD and control feedthrough performance.
1
VIN
2
3
4
VOUT
0.1µF
18kΩ
150kΩ
NC
NC = NO CONNECT
18kΩ
50pF
47pF
NC
NC
NC
16
15
14
13
5
6
7
12
11
+15V
10
8
9
–15V
+15V
SSM2018T
0.1µF
0.1µF
0V ≤ VC ≤ +2.24V
R7
1kΩ
CCON
1µF
+5V
R6
825Ω
DAC8512
2
1
8
7
6
5
3
4
CS
CLR
LD
SCLK
SDI
VIN+
VIN–
1
V+
2
3
4
VOUT
1µF
1µF
18kΩ
1kΩ
18kΩ
RB
50pF
47pF
10µF
18kΩ
100kΩ
100kΩ
3kΩ
1µF
VCONTROL
16
15
14
13
5
6
7
12
11
V+
10
8
9
SSM2018T
V+
V+
OP176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com