Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2018_15 Datasheet HTML 5Page - Analog Devices SSM2018_15 Datasheet HTML 6Page - Analog Devices SSM2018_15 Datasheet HTML 7Page - Analog Devices SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices SSM2018_15 Datasheet HTML 10Page - Analog Devices SSM2018_15 Datasheet HTML 11Page - Analog Devices SSM2018_15 Datasheet HTML 12Page - Analog Devices SSM2018_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 9 of 16
Figure 22. Gain Constant vs. Temperature
Figure 23. Gain Constant Linearity vs. Gain
Figure 24. Gain Flatness vs. Frequency
Figure 25. CMRR vs. Frequency
Figure 26. Slew Rate vs. Supply Voltage
Figure 27. PSRR vs. Frequency
–20
–25
–30
–35
–40
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
–28
–29
–30
–31
–32
–33
–80
–60
–40
–20
0
20
40
60
GAIN (dB)
TA = +25°C
VS = ±15V
0.1
0
–0.1
–0.2
–0.3
–0.4
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
AV = 0dB
VIN = 100V rms
0
–20
–40
–60
–80
–100
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
15.0
12.5
10.0
7.5
5.0
2.5
0
0
5
10
15
SUPPLY VOLTAGE (±V)
TA = +25°C
+SLEW RATE
–SLEW RATE
0
–20
–40
–60
–80
–100
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = +25°C
VS = ±15V
+PSRR
–PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com