Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2018_15 Datasheet HTML 7Page - Analog Devices SSM2018_15 Datasheet HTML 8Page - Analog Devices SSM2018_15 Datasheet HTML 9Page - Analog Devices SSM2018_15 Datasheet HTML 10Page - Analog Devices SSM2018_15 Datasheet HTML 11Page - Analog Devices SSM2018_15 Datasheet HTML 12Page - Analog Devices SSM2018_15 Datasheet HTML 13Page - Analog Devices SSM2018_15 Datasheet HTML 14Page - Analog Devices SSM2018_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 11 of 16
A compensation capacitor must be added between COMP1 and
COMP2. Because the VCA operates over such a wide gain
range, the compensation should ideally be optimized for each
gain. When the VCA is in high attenuation, there is very high
loop gain, and the part needs to have high compensation. On
the other hand, at high gain, the same compensation capacitor
would overcompensate the part and roll off the high frequency
performance. Thus, the SSM2018 employs a patented adaptive
compensation circuit. The compensation capacitor is Miller
connected between the base and collector of an internal
transistor. By changing the gain of this transistor via the control
voltage, the compensation is changed.
Increasing the compensation capacitor causes the frequency
response and slew rate to decrease, which tends to cause high
frequency distortion to increase. For the basic VCA circuit, 47 pF
was chosen as the optimal value. The OVCE circuit described
later uses a 220 pF capacitor. The reason for the increase is to
compensate for the extra phase shift from the additional output
amplifier used in the OVCE configuration. The compensation
capacitor can be adjusted over a practical range from 47 pF to
220 pF if desired. Below 47 pF, the parts may oscillate; above 220
pF the frequency response is significantly degraded.
CONTROL SECTION
As noted above, the control voltage on Pin 11 steers the current
through the gain core transistors to set the gain. The unity gain
(0 dB) condition occurs at VC = 0. Attenuation occurs in the
VCA for positive voltages (0 V to 3 V, typ), and gain occurs for
negative voltage (0 V to −1.3 V, typ). From –1.3 V to +3.0 V,
140 dB of gain range is obtainable. The output gain formula is
as follows:
VOUT = VIN × e(−aVC)
(1)
The exponential term arises from the standard Ebers-Moll
equation describing the relationship of a transistor’s collector
current as a function of the base-emitter voltage:
IC = IS × e(VBE /VT)
(2)
The factor a is a function not only of VT but also the scaling due
to the resistor divider of the 200 Ω and 1.8 kΩ resistors shown
in Figure 2. The resulting expression for a is as follows: a =
1/(10 × VT), which is approximately equal to 4 at room
temperature. Substituting a = 4 in the above equation results in
a −28.8 mV/dB control law at room temperature.
The −28.8 mV/dB number is slightly different from the data
sheet specification of −30 mV/dB. The difference arises from
the temperature dependency of the control law. The term VT is
known as the thermal voltage, and it has a direct dependency
on temperature:
VT = kT/q
where
k = Boltzmann’s constant = 1.38 E − 23
q = electron charge = 1.6 E − 19
T = absolute temperature in Kelvin)
This temperature dependency leads to the −3500 ppm/°C drift
of the control law. It also means that the control law changes as
the part warms up. Thus, our specification for the control law
states that the part has been powered up for 60 seconds.
When the part is initially turned on, the temperature of the die
is still at the ambient temperature (25°C for example), but the
power dissipation causes the die to warm up. With ±15 V
supplies and a supply current of 11 mA, 330 mW is dissipated.
This number is multiplied by θJA to determine the rise in the
die’s temperature. In this case, the die increases from 25°C to
approximately 50°C. A 25°C temperature change causes a 8.25%
increase in the gain constant, resulting in a gain constant of
30 mV/dB. The graph in Figure 22 shows how the gain constant
varies over the full temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com