Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 5Page - STMicroelectronics PM0014 Datasheet HTML 6Page - STMicroelectronics PM0014 Datasheet HTML 7Page - STMicroelectronics PM0014 Datasheet HTML 8Page - STMicroelectronics PM0014 Datasheet HTML 9Page - STMicroelectronics PM0014 Datasheet HTML 10Page - STMicroelectronics PM0014 Datasheet HTML 11Page - STMicroelectronics PM0014 Datasheet HTML 12Page - STMicroelectronics PM0014 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
PM0014
Using the ST10-DSP library
9/46
3.4
Tool chain compatibility
As ST10 has different memory models, a library file has been generated for each memory
model: tiny, small, medium, large.
ST10-DSP library is compatible with Tasking tool chain (V7.0r1 and upward).
3.5
ST10 device compatibility
The ST10-DSP library is defined to be compatible with all ST10-DSP variants, including the
bond-out.
As a consequence, it implements the needed workarounds for the functional features that
may be on silicon devices (see respective product errata-sheets).
3.6
ST10 MAC configuration
As this library has be done primarily for filtering functions,
it assumes fractional variables
are used. As a consequence, users shall set bit "MP" in the MAC control word either at
the reset sequence or before calling any function.
3.7
Interrupts
As explained before, any DSP code developed for ST10 can be interrupted at any time and
execution resumed after the interrupt routine. There is no added latency when the DSP
library is used.
Interrupt routine requirements: the only requirements are only when the DSP unit is used
by task that have different priorities: the interrupting task that may interrupt another task
using the DSP should save and restore the MAC registers at the entry point and exit point of
the routine. (
use #pragma savemac in Tasking tool chain).
3.8
Naming convention and parameter passing
The name of a function begins with a lowercase. Each uppercase starts a new word in the
name. Underscore is used to separate type of data. Types after the name indicate the types
of the parameters passed to the function.
Example: fir_q15_q31_q15
The first q15 indicates the inputs format. q31 corresponds to the type of coefficients. The
last q15 indicates the output format.
Variable formats:
q31 means a signed fractional variable with two’s complement fractional format using
the 1.31 format (1 signed, 31 fractional bits).
q15 means a signed fractional variable with two’s complement fractional format using
the 1.31 format (1 signed, 15 fractional bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com