Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 30Page - STMicroelectronics PM0014 Datasheet HTML 31Page - STMicroelectronics PM0014 Datasheet HTML 32Page - STMicroelectronics PM0014 Datasheet HTML 33Page - STMicroelectronics PM0014 Datasheet HTML 34Page - STMicroelectronics PM0014 Datasheet HTML 35Page - STMicroelectronics PM0014 Datasheet HTML 36Page - STMicroelectronics PM0014 Datasheet HTML 37Page - STMicroelectronics PM0014 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Signal processing library functions
PM0014
34/46
6
Signal processing library functions
6.1
Overview
In this part, a set of signal processing functions for C programmers on ST10 are presented.
6.2
Data type
LibST10.h (C compiler package) defines the data types used for ST10 programming.
The following types are used in the library:
●
Filter: structure containing all the elements needed for filtering.
Filt.NumberCoeffs : number of filter coefficients.
Filt.NumberOutputSamples : number of output samples.
Filt.CoeffPtr : pointer on filter coefficients.
Filt.InputPtr : pointer on input samples.
Filt.OutputPtr : pointer on output samples.
Filt.DelayLinePtr : pointer on delay line.
Library’s users have to fill the different fields of this structure before calling any filtering
function.
According to the filter type, the number of coefficients definition changes.
Examples:
.FIR:
y(n)=a0*x(n)+a1*x(n-1)+...+a15*x(n-15)
Store NumberCoeffs=16
.IIR direct form
y(n)=b0*x(n)+b1*x(n-1)+...+b15*x(n-15)+a1*y(n-1)+...+a15*y(n-15)
Store NumberCoeffs=32
(a0=0 is stored in memory)
.IIR cascaded biquad form
y(n)=b00*x(n)+...+a02*y(n-2)+.....+a92*y(n-2)
Be careful: store NumberCoeffs = NumberCells = 10 !
The delay line is a buffer in memory used by filtering functions to store previous samples
needed to perform calculation of the next output sample. The delay line size depends on the
number of coefficients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com