Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 8Page - STMicroelectronics PM0014 Datasheet HTML 9Page - STMicroelectronics PM0014 Datasheet HTML 10Page - STMicroelectronics PM0014 Datasheet HTML 11Page - STMicroelectronics PM0014 Datasheet HTML 12Page - STMicroelectronics PM0014 Datasheet HTML 13Page - STMicroelectronics PM0014 Datasheet HTML 14Page - STMicroelectronics PM0014 Datasheet HTML 15Page - STMicroelectronics PM0014 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Developing new functions
PM0014
12/46
4
Developing new functions
This library has been done for filtering. Other general purpose functions or application
segment specific functions can be developed.
4.1
Examples of functions for data acquisition
4.1.1
Detection of the minimum or maximum in a collection of samples
ST10 instructions (CoMin and CoMax) allow to detect the maximum or the minimum
between the accumulator and an external operand. Using a DSP loop with pointer auto-
modification, the minimum or the maximum of a parameter in a collection of samples can be
detected at a rate of one instruction cycle per sample for 16-bit operands and for 32-bit
operands.
4.1.2
Computing the sum of a collection of samples
Using a DSP loop with ST10 instruction CoAdd allows to compute the sum of a collection of
samples at a rate of one instruction cycle per sample for both 16-bit and 32-bit operands.
4.1.3
Search for an element within a collection of samples
Using a DSP loop with ST10 instruction CoCMP allow to compare an external operand with
the accumulator at a rate of one instruction cycle per sample for both 16-bit and 32-bit
operands.
4.2
Developing your own DSP functions
Please refer to the application note AN1442 - Signal Processing with ST10-DSP for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com