Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 36Page - STMicroelectronics PM0014 Datasheet HTML 37Page - STMicroelectronics PM0014 Datasheet HTML 38Page - STMicroelectronics PM0014 Datasheet HTML 39Page - STMicroelectronics PM0014 Datasheet HTML 40Page - STMicroelectronics PM0014 Datasheet HTML 41Page - STMicroelectronics PM0014 Datasheet HTML 42Page - STMicroelectronics PM0014 Datasheet HTML 43Page - STMicroelectronics PM0014 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Signal processing library functions
PM0014
40/46
Assembly source
code:
fir_q31_q31_q31.asm
Code size and cycles: Size: 194 bytes
Instruction Cycles: 34 + NbOutput * (20 + 4 * FirNumberCoeffs)
Test:
Two test cases are provided. For each test case, two files allow to
test the function:
●
an input vector file (filterX_q31_q31_q31.in)
●
an output vector file (filterX_q31_q31_q31.res).
The configuration is the following:
●
number of coefficients: 32
●
number of output samples: 201
To perform the test, initialize the Delay line[] to zero, then Coeff[]
and Input[] with the filterX_q31_q31_q31.in file./ The first values
are the coefficients (lsb first) of the filter and the rest of the values
are the input values (lsb first). The output vector file contains the
result value (lsb first). (See the example for declarations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com