Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 38Page - STMicroelectronics PM0014 Datasheet HTML 39Page - STMicroelectronics PM0014 Datasheet HTML 40Page - STMicroelectronics PM0014 Datasheet HTML 41Page - STMicroelectronics PM0014 Datasheet HTML 42Page - STMicroelectronics PM0014 Datasheet HTML 43Page - STMicroelectronics PM0014 Datasheet HTML 44Page - STMicroelectronics PM0014 Datasheet HTML 45Page - STMicroelectronics PM0014 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Signal processing library functions
PM0014
42/46
Coefficients must be stored in memory as follow:
addr
Iir.CoeffPtr
----> b0
addr
Iir.CoeffPtr + 2 ----> b1
...
addr
Iir.CoeffPtr + 2 * (IirNumberCoeffs/2 - 1)---->
b(IirNumberCoeff/2)-1
addr
Iir.CoeffPtr + 2 * (IirNumberCoeffs/2)----> a0 = 0
addr
Iir.CoeffPtr + 2 * (IirNumberCoeffs/2 + 1) ----> a1
...
addr
Iir.CoeffPtr + 2 * (IirNumberCoeffs - 1)---->
a(IirNumberCoeff/2)-1
Assembly source
code:
iir2_q15_q15_q15.asm
Code size and cycles: Size: 130 bytes
Instruction Cycles: 36 + NbOutput * (17 + IirNumberCoeffs)
Test:
Two test cases are provided. For each test case, two files allow to
test the function: an input vector file (dirFilterX_q15_q15_q15.in)
and an output vector file (dirfilterX_q15_q15_q15.res). The
configuration is the following:
number of coefficients: 32
number of output samples: 201
To perform the test, initialize the Delay line[] to zero, then Coeff[]
and Input[] with the dirfilterX_q15_q15_q15.in file: the first values
are the coefficients of the filter and the rest of the values are the
input values. (See the example for declarations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com