Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 25Page - STMicroelectronics PM0014 Datasheet HTML 26Page - STMicroelectronics PM0014 Datasheet HTML 27Page - STMicroelectronics PM0014 Datasheet HTML 28Page - STMicroelectronics PM0014 Datasheet HTML 29Page - STMicroelectronics PM0014 Datasheet HTML 30Page - STMicroelectronics PM0014 Datasheet HTML 31Page - STMicroelectronics PM0014 Datasheet HTML 32Page - STMicroelectronics PM0014 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
PM0014
Arithmetic library functions
29/46
5.5.4
cDiv_q31
cDiv_q31 (short LeftOpIMsb, short LeftOpILsb, short LeftOpRMsb, short LeftOpRLsb,
short RightOpIMsb, short RightOpILsb, short RightOpRMsb, short RightOpRLsb, long
*Output).
Description:
Division of two complex fractional inputs. Dividend, divisor and
quotient are on 64 bits (32 bits for each part).
Argument:
LeftOpIMsb
Left operand imaginary part most significant bits.
LeftOpILsb
Left operand imaginary part least significant bits.
LeftOpRMsb
Left operand real part most significant bits.
LeftOpRLsb
Left operand real part least significant bits.
RightOpIMsb Right operand imaginary part most significant bits.
RightOpILsb
Right operand imaginary part least significant bits.
RightOpRMsb Right operand real part most significant bits.
RightOpRLsb Right operand real part least significant bits.
Output
Output pointer.
Algorithm:
Note:
Output imaginary part is contained in the lowest addresses
(pointed by Output). Output real part is in the highest addresses
(pointed by Output + 4).
If c2 + d2 is equal to 0, result saturates to the maximum positive
value.
c2 + d2 must be smaller than the dividend real part and than the
dividend imaginary part for a valid result. Else, there is a result
saturation to the maximum positive or negative value.
If c2 + d2 and ac + bd (respectively c2 + d2 and bc - ad) are both a
maximum value. The result real part is not valid (respectively the
result imaginary part).
The implemented algorithm doesn’t allow integer division. For
dividing integers (dividend in 32.0 format and divisor in 16.0), shift
the dividend one bit to the left (into 31.1 format) before dividing.
Assembly source
code:
cDiv_q31.asm
Code size and cycles: Size: 442 bytes
Instruction cycles: 1148
aib
+
cid
+
--------------
ac
bd
+
c
2
d
2
+
--------------------i
bc
ad
–
c
2
d
2
+
-------------------
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com