Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 28Page - STMicroelectronics PM0014 Datasheet HTML 29Page - STMicroelectronics PM0014 Datasheet HTML 30Page - STMicroelectronics PM0014 Datasheet HTML 31Page - STMicroelectronics PM0014 Datasheet HTML 32Page - STMicroelectronics PM0014 Datasheet HTML 33Page - STMicroelectronics PM0014 Datasheet HTML 34Page - STMicroelectronics PM0014 Datasheet HTML 35Page - STMicroelectronics PM0014 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Arithmetic library functions
PM0014
32/46
5.6.2
mVM_q15_q15_q15
void mVM_q15_q15_q15 (short Mat[][], short *Vectin, int N, short *Output).
Description:
Real 16-bit fractional [N*N] [N*1] matrix multiply. The result vector is
on 1.15 format.
Argument:
Mat
Pointer to matrix.
Vectin
Pointer to input vector.
N
Size of the squared matrix and size of vectors.
Output
Pointer to result vector.
Algorithm:
Output (i) =
Mat(i, k) x Vectin(k)
Note:
Matrix and Vector should be stored in the DPRAM.
The output vector saturates to 1 or -1 if the result is greater than 1
or respectively lower than -1.
Assembly source
code:
mVM_q15_q15_q15.asm
Code size and cycles: Size: 60 bytes
Instruction cycles: N2 + 10N - 10
Test:
To test this function, two test cases are provided. Each test case
has two input vector files that contain the matrix to multiply and one
output vector file that contains the output matrix. For instance,
mat_10_10.in and vect_10_1.in contains respectively a
Matrix[10][10] and a vector [10][1]. The input file as well as the
output file contains the elements of the matrix sorted as follows:
Op_row1_col1, Op_row1_col2, Op_row1_col3...
....Op_row2_col1,Op_row2_col2...
k0
=
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com