Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0014 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 5 Page - STMicroelectronics

  PM0014 Datasheet HTML 1Page - STMicroelectronics PM0014 Datasheet HTML 2Page - STMicroelectronics PM0014 Datasheet HTML 3Page - STMicroelectronics PM0014 Datasheet HTML 4Page - STMicroelectronics PM0014 Datasheet HTML 5Page - STMicroelectronics PM0014 Datasheet HTML 6Page - STMicroelectronics PM0014 Datasheet HTML 7Page - STMicroelectronics PM0014 Datasheet HTML 8Page - STMicroelectronics PM0014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
PM0014
ST10-DSP features
5/46
1
ST10-DSP features
ST10 is a combined CPU and DSP.
As a CPU, it is a powerful real time oriented 16-bit CPU.
As a DSP, it is a single MAC 16 by 16-bit multiplier with a 40-bit accumulator.
1.1
Harvard architecture
ST10-DSP has an Harvard architecture to allow on every instruction cycle:
1 opcode fetch,
2 operand reads,
1 optional operand write.
1.2
Multiply and accumulate
ST10 supports different multiply and accumulate instructions with different addressing
modes.
With the CoMAC [Rx+], [Ry+], in a single instruction cycle, ST10 is able to:
To fetch 2 operands addressed by Rx and Ry,
To update 2 pointers (increment, decrement, add an index)
CoMacM is similar to CoMac except that ST10 also moves 1 operand to the bottom of the
table (useful in data acquisition routines).
1.3
Minimum and maximum
ST10 has 2 instructions for minimum and maximum detection (CoMin and CoMax).
Combined with auto-incrementation, those instructions allow ST10 to scan a table of
samples and detect either the minimum or the maximum in one instruction cycle per sample.
1.4
Instruction repeat unit
Each instruction can be repeated either an immediate number of times or a variable number
of times.
Register MRW is used to repeat a variable number of times.
Repeat sequences can be interrupted.
This allows ST10-DSP to compute a FIR (16 by 16; real) at a rate of 1 TAP per instruction
cycle.
1.5
Barrel shifter
ST10-DSP has a barrel shifter connected to the accumulator: any result or value loaded into
the accumulator can be shifted. The shift value must be between 0 and 8 (included).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com