Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 86 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 82Page - STMicroelectronics UM1693 Datasheet HTML 83Page - STMicroelectronics UM1693 Datasheet HTML 84Page - STMicroelectronics UM1693 Datasheet HTML 85Page - STMicroelectronics UM1693 Datasheet HTML 86Page - STMicroelectronics UM1693 Datasheet HTML 87Page - STMicroelectronics UM1693 Datasheet HTML 88Page - STMicroelectronics UM1693 Datasheet HTML 89Page - STMicroelectronics UM1693 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 196 page
background image
Load compatibility
UM1693
86/196
DocID025505 Rev 1
Figure 63. Switching losses – high inductance + ext. freewheeling (PWM operation)
Assuming TDEMAG >> TPWM_OFF, the switching losses can be estimated as follows:
VBAT: 16 V
Temperature: 23 °C
Turn-on energy loss [J]: WON ~3x higher versus equivalent resistive load
Turn-off energy loss [J]: WOFF ~3x higher versus equivalent resistive load
Note:
The factor 3 is the result of experiment (see Table 21 and Table 22)
Measurement example 1 – high inductance with external freewheeling (single
event)
Conditions:
•
VBAT:
16 V
•
Temperature:
23 °C
•
Load:
20 mH at 13.5
Ω
•
External freewheeling diode:
STPS2H100
•
Device:
VND7040AJ-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com