Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 19Page - STMicroelectronics UM1693 Datasheet HTML 20Page - STMicroelectronics UM1693 Datasheet HTML 21Page - STMicroelectronics UM1693 Datasheet HTML 22Page - STMicroelectronics UM1693 Datasheet HTML 23Page - STMicroelectronics UM1693 Datasheet HTML 24Page - STMicroelectronics UM1693 Datasheet HTML 25Page - STMicroelectronics UM1693 Datasheet HTML 26Page - STMicroelectronics UM1693 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 196 page
background image
DocID025505 Rev 1
23/196
UM1693
Reverse battery protection
195
Figure 7. Measurement example (tDEMAG > tD_STBY) with 4.7 kΩ GND resistor
The experimental trials have shown:
•
The operation with high inductivity load (TDEMAG > tD_STBY) is correct even without the
GND resistor (only the diode), knowing that the device GND pin oscillation with period
of tD_STBY may be present (see Figure 6)
•
In all cases, the 10 k
Ω resistor was enough to reduce the GND shift below the logic
input activation level (so eliminate the oscillations)
•
The 4.7 k
Ω appears to be the best compromise between the GND shift safety and
power dissipation during static reverse battery condition (~50 mW)
The value of the resistor should be low enough to be sure that the negative voltage at the
GND pin is suppressed as much as necessary to keep the device off. This means the VGND
should be kept above -1.3 V.
The minimum resistor value is determined by the maximum DC reverse ground pin current
of the HSD in reverse battery condition:
In order to keep the power dissipation on the resistor during reverse battery condition as low
as possible, it is recommended to select the resistor value close to the maximum value
(4.7 k).
R
GND
V
BAT reverse
()
I
GN D reverse
()max
------------------------------------------------
≥
16V
200mA
-------------------
80
Ω
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com