Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 45Page - STMicroelectronics UM1693 Datasheet HTML 46Page - STMicroelectronics UM1693 Datasheet HTML 47Page - STMicroelectronics UM1693 Datasheet HTML 48Page - STMicroelectronics UM1693 Datasheet HTML 49Page - STMicroelectronics UM1693 Datasheet HTML 50Page - STMicroelectronics UM1693 Datasheet HTML 51Page - STMicroelectronics UM1693 Datasheet HTML 52Page - STMicroelectronics UM1693 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
DocID025505 Rev 1
49/196
UM1693
Usage/handling of fault reset and standby
195
As indicated in Table 12 the VSENSEH failure flag is present on MultiSense pin of a latched
channel x, if the following conditions are met:
•
MultiSense is enabled (SEn = High)
•
The channel x is driven on through its input (INx = High)
•
The multiplexed MultiSense is mapped to channel x through appropriate SELx pin
settings
Note:
Off-state diagnostic is provided on the MultiSense, if INx = Low.
Table 11. Truth table
Mode
Conditions
INX
FR
SEn
SELx
OUTx
MultiSense
Comments
Standby
All logic inputs
low
LL
L
L
L
Hi-Z
Low quiescent
current consumption
Normal
Nominal load
connected:
Tj < TTSD
and
ΔTj < ΔTj_SD
LX
Refer to Table 12
L
Refer to
Table 12
HL
H
Outputs configured
for auto-restart
HH
H
Outputs configured
for latch-off
Overload
Overload or
short to GND
causing:
Tj > TTSD
and
ΔTj > ΔTj_SD
LX
Refer to Table 12
L
Refer to
Table 12
HL
H
Output cycles with
temperature
hysteresis
H
H
L
Outputs latch-off
Undervoltage
VCC < VUSD
(falling)
XX
X
X
L
L
Hi-Z
Hi-Z
Re-start when
VCC > VUSD
+ VUSD hyst (rising)
OFF-state
diagnostics
Short to VCC
LX
Refer to Table 12
H
Refer to
Table 12
Open-load
L
X
H
External pull-up
Negative output
voltage
Inductive loads
turn-off
LX
<0 V
Table 12. MultiSense multiplexer addressing for a dual channel device
SEn
SEL1 SEL0 MUXchannel
MultiSense output
Normal mode
Overload
OFF-state diag.
Negative
output
LX
X
Hi-Z
HL
L
Channel 0
diagnostic
ISENSE = 1/K * IOUT0 VSENSE = VSENSEH
VSENSE = VSENSEH
0
HL
H
Channel 1
diagnostic
ISENSE = 1/K * IOUT1 VSENSE = VSENSEH
VSENSE = VSENSEH
0
HH
L
TCHIP sense
VSENSE = VSENSE_TC
HH
H
VCC sense
VSENSE = VSENSE_VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com