Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 27Page - STMicroelectronics UM1693 Datasheet HTML 28Page - STMicroelectronics UM1693 Datasheet HTML 29Page - STMicroelectronics UM1693 Datasheet HTML 30Page - STMicroelectronics UM1693 Datasheet HTML 31Page - STMicroelectronics UM1693 Datasheet HTML 32Page - STMicroelectronics UM1693 Datasheet HTML 33Page - STMicroelectronics UM1693 Datasheet HTML 34Page - STMicroelectronics UM1693 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 196 page
background image
DocID025505 Rev 1
31/196
UM1693
Reverse battery protection
195
current in this experiment a 90
Ω generator resistor was chosen. As long as the P-channel
MOSFET is still conducting during the negative pulse, the voltage on VCC pin (VBAT) is
clamped to minus one diode voltage due to the forward biased substrate diode of the HSD.
The P-channel MOSFET is turned off once the VBAT voltage begins to drop. This happens
within few tens of microseconds about. As soon as the VBAT voltage drops to -55 V, the
P-channel MOSFET starts to conduct in avalanche until the pulse amplitude drops below its
breakdown voltage BVDSS = 55 V.
The breakdown voltage BVDSS of the P-channel MOSFET either should be higher than the
maximum negative transient peak voltage of ISO 7637:2-2011(E) or the energy capability of
the P-channel MOSFET in avalanche must be high enough to sustain the transient pulse
energy.
Figure 13. Reverse battery test according to LV 124:2009-10: VN7016AJ-E (13.5 V at
-4 V, 82 m
Ω, R2 = 1kΩ)
Figure 13 shows the example of an abrupt reverse battery test changing the polarity of the
battery supply from 13.5 V to -4 V within a few us. The test setup used a 55 V/16 m
Ω
P-channel MOSFET with a gate resistor R2 = 1 k
Ω. The total line impedance is measured
with 82 m
Ω in line with the requirements of LV 124:2009-10.
The P-channel MOSFET is able to turn-off within 20 µs about. During this time a relatively
high current will flow through the HSD substrate diode. The total energy dissipated in the
HSD is around 600 µJ, which is withstood by the M0-7 HSD family.
2.2.5
Dedicated ST Reverse FET solution
The VN5R003H-E is a device made using STMicroelectronics® VIPower® technology. It is
intended to provide reverse battery protection to an electronic module. This device, which
consists of an N-channel MOSFET and its driver circuit, has two power pins (drain and
source) and a control pin, IN (see Figure 14).
R2 = 1k
VCC - GND stress: ~0.6mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com