Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 90 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 86Page - STMicroelectronics UM1693 Datasheet HTML 87Page - STMicroelectronics UM1693 Datasheet HTML 88Page - STMicroelectronics UM1693 Datasheet HTML 89Page - STMicroelectronics UM1693 Datasheet HTML 90Page - STMicroelectronics UM1693 Datasheet HTML 91Page - STMicroelectronics UM1693 Datasheet HTML 92Page - STMicroelectronics UM1693 Datasheet HTML 93Page - STMicroelectronics UM1693 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 196 page
background image
Load compatibility
UM1693
90/196
DocID025505 Rev 1
Measurement example – switching losses versus L (VND7040AJ-E)
In order to get a better idea about the switching losses dependency on the value of the
inductance, a comparative measurement with different load inductances was performed on
VND7040AJ-E. The summary of this measurement is shown in the tables below. The
Table 21 describes the steady state operation (single turn-on / off event), with or without an
external freewheeling diode. For each load inductance, there is a measurement of switching
losses and switching times (time between 10-90 % of nominal VOUT considered). All
switching losses are compared versus the resistive load. In the last column there is a
calculation of demagnetization time (considering VDEMAG = -28 V).
VBAT = 16 V Single turn-on (ILOAD = 0), single turn-off (ILOAD = nominal = 1.2 A)
The Table 22 describes the PWM operation with high duty cycle (shortest possible PWM off-
time adjusted to have complete turn-off / on phase). The measurement was done with
external freewheeling only (Schottky diode). In the last column there is a calculation of
demagnetization time (considering VDEMAG = -0.6 V).
VBAT = 16 V PWM 94 % at 500 Hz (120 µs off-time) → shortest possible for complete turn-
off/on phase
Table 21. VND7040AJ-E measurement of switching losses versus L in steady state
Load
WON
WOFF
WOFF
(with external
freewheeling)
tON [µs]
tOFF
[µs]
TDEMAG
(calculated)
L [µH]
R [
Ω][µJ]
Ratio vs
res. load
[µJ]
Ratio vs
res. load
[µJ]
Ratio vs
res. load
10-90%
of VOUT
90-10%
of VOUT
(at -28 V)
[µs]
1.5
13.5
139
1.00 x
157
1.00 x
157
1.00 x
35
39
0.0
15
13.5
130
0.94 x
173
1.10 x
173
1.10 x
35
38
0.5
60
13.5
116
0.83 x
204
1.30 x
204
1.30 x
35
38
1.9
300
13.5
69
0.50 x
382
2.43 x
321
2.04 x
34
35
9.5
1 000
13.5
54
0.39 x
785
5.00 x
438
2.79 x
33
36
32
3 500
13.5
52
0.37 x
2 370
15.1 x
492
3.13 x
31
36
111
5 400
13.5
50
0.36 x
3 470
22.1 x
487
3.10 x
31
36
171
20 000
13.5
11
0.08 x
13 630
86.82 x
533
3.39 x
30
36
633
Table 22. VND7040AJ-E measurement of switching losses versus L in PWM mode (with external
freewheeling)
Load
WON
(with external
freewheeling)
WOFF
(with external
freewheeling)
tON [µs]
tOFF [µs]
TDEMAG
(calculated)
L [µH]
R [
Ω][µJ]
Ratio vs
res. load
[µJ]
Ratio vs
res. load
(10-90% of
VOUT)
(90-10% of
VOUT)
(at -0.6V) [µs]
1.5
13.5
139
1.00
157
1.00
35
39
0.0
15
13.5
130
0.94
173
1.10
35
38
4
60
13.5
118
0.85
205
1.31
35
38
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com