Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 17Page - STMicroelectronics UM1693 Datasheet HTML 18Page - STMicroelectronics UM1693 Datasheet HTML 19Page - STMicroelectronics UM1693 Datasheet HTML 20Page - STMicroelectronics UM1693 Datasheet HTML 21Page - STMicroelectronics UM1693 Datasheet HTML 22Page - STMicroelectronics UM1693 Datasheet HTML 23Page - STMicroelectronics UM1693 Datasheet HTML 24Page - STMicroelectronics UM1693 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 196 page
background image
DocID025505 Rev 1
21/196
UM1693
Reverse battery protection
195
Dimensioning of the GND resistor
The GND resistor is recommended in case of a high inductive load. To determine if the
resistor is needed or not, we need to know the demagnetization time (TDEMAG). The resistor
is recommended if TDEMAG is higher than the standby delay time (tD_STBY).
A typical tD_STBY value of 350 µs is considered in this comparison.
TDEMAG can be determined by either measurement (Figure 6, RGND = 4.7 kΩ, Load: Relay
270 mH/ 90
Ω alternatively Bulb on a typical wire harness with 6 µH stray inductance) or
calculation, using Equation 1 and Equation 2.
Figure 4. Negative GND shift (TDEMAG > tD_STBY)
Equation 1
Equation 2
V
DEMAG
V
BAT
V
CLAMP
–
=
T
DEMAG
L
R
----
ln
V
DEMAG
I
0 R
⋅
+
V
DEMAG
-----------------------------------------------



⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com