Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 9Page - STMicroelectronics UM1693 Datasheet HTML 10Page - STMicroelectronics UM1693 Datasheet HTML 11Page - STMicroelectronics UM1693 Datasheet HTML 12Page - STMicroelectronics UM1693 Datasheet HTML 13Page - STMicroelectronics UM1693 Datasheet HTML 14Page - STMicroelectronics UM1693 Datasheet HTML 15Page - STMicroelectronics UM1693 Datasheet HTML 16Page - STMicroelectronics UM1693 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 196 page
background image
DocID025505 Rev 1
13/196
UM1693
General items
195
1.3
Application schematics – hybrid devices
Figure 2. Typical application schematics – hybrid devices
1.4
Application schematics – description of external
components
•
Pull-up: this resistor is optional and is needed when open-load in off state diagnostic is
required. It has to be dimensioned to pull up the output above the maximum open-load
in off state detection voltage (VOL max) and make sure that the output voltage stays
below the minimum open-load in off state detection voltage (VOL min) in case the load is
connected (for details refer to Section 7.2.11: Open load detection in off-state).
•
R5//CEXT: a low pass-filter, as an RC filter, can be placed across the RSENSE resistor to
suppress HF noise. The time constant of this filter (
τ = RC) should be long enough to
effectively suppress the noise and short enough to allow MultiSense signal stabilization
taking into account multiplexer delay and settling times. C2 should be placed close to
the MCU's A/D input. Also, the ground connection for C2 should be at the same
potential as the ground of the A/D reference. The filter resistor R5 is also used to limit
the A/D's input pin current (for details refer to Section 7.2.13: MultiSense low pass
filtering).
•
R6//CEXT: this low pass-filter and ADC input connection is optional and is
recommended for monolithic devices, when a precise chip temperature or supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com