Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1693 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 35Page - STMicroelectronics UM1693 Datasheet HTML 36Page - STMicroelectronics UM1693 Datasheet HTML 37Page - STMicroelectronics UM1693 Datasheet HTML 38Page - STMicroelectronics UM1693 Datasheet HTML 39Page - STMicroelectronics UM1693 Datasheet HTML 40Page - STMicroelectronics UM1693 Datasheet HTML 41Page - STMicroelectronics UM1693 Datasheet HTML 42Page - STMicroelectronics UM1693 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 196 page
background image
DocID025505 Rev 1
39/196
UM1693
Protection against battery transients
195
Figure 19. Internal structures involved during application of ISO 7637-2 pulse 1 in a monolithic
HSD and indication of pin voltages
Besides, since the device input may be driven independent from the microcontroller by a
separate HW, which is supplied directly from battery, it’s mandatory to decouple the signal
coming from the microcontroller to the one coming from the limp home circuitry, in order to
avoid any backward supply of one circuit versus the other one. The decoupling is ensured
by a signal diode, placed in series to the Limp Home path connected to the device input.
Dimensioning of the series resistors on I/O line
The resistor value should be calculated according to the maximum injected current to I/O pin
of the used microcontroller. That value can be assumed about 10 mA. So that, the resistors
value should be at least 15 k
Ω (150 V/10 mA):
Ri ≥ 15 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com