Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3372 Datasheet HTML 1Page - STMicroelectronics AN3372 Datasheet HTML 2Page - STMicroelectronics AN3372 Datasheet HTML 3Page - STMicroelectronics AN3372 Datasheet HTML 4Page - STMicroelectronics AN3372 Datasheet HTML 5Page - STMicroelectronics AN3372 Datasheet HTML 6Page - STMicroelectronics AN3372 Datasheet HTML 7Page - STMicroelectronics AN3372 Datasheet HTML 8Page - STMicroelectronics AN3372 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
January 2013
Doc ID 018625 Rev 1
1/37
AN3372
Application note
STEVAL-ILH004V1: 70 W HID digital ballast
By Sebastiano Messina
Introduction
This note describes digital ballast for 70 W HID lamps (sodium or metal halide) used in
general lighting applications. The ballast is composed of a boost converter (power factor
controller PFC) working in transition mode and an inverter composed of a half bridge that
drives the lamp in low frequency square wave.
Both the half bridge and the PFC stage are managed by the ST7LITE49K2 that controls the
L6382D5, activating all the power switches.
The tests have been conduced using a 70 W metal halide lamp. With test results some
design criteria are given.
Figure 1.
STEVAL-ILH004V1 image
www.st.com


Similar Part No. - AN3372

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370 PANASONIC-AN3370 Datasheet
42Kb / 4P
Flying-Erase IC
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
Flying-Erase IC
logo
STMicroelectronics
AN3371 STMICROELECTRONICS-AN3371 Datasheet
427Kb / 45P
Using the hardware real-time clock
27-Sep-2012
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
2-head recording/playback amplifier IC
logo
STMicroelectronics
AN3373 STMICROELECTRONICS-AN3373 Datasheet
1Mb / 18P
PM8803 is a highly integrated device embedding
06-Apr-2011
More results

Similar Description - AN3372

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
This application note describes
03-Jun-2008
AN2511 STMICROELECTRONICS-AN2511 Datasheet
650Kb / 43P
This application note describes
25-Aug-2010
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
This application note describes the electronic lamp ballast for 70 W high intensity discharge
13-May-2010
AN594 STMICROELECTRONICS-AN594 Datasheet
864Kb / 28P
This note describes a technique for driving
03-Oct-2008
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
AN1798 STMICROELECTRONICS-AN1798 Datasheet
182Kb / 16P
This application note describes
21-Nov-2007
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
This application note describes techniques for connecting
08-Nov-2012
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
This application note describes
14-Dec-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com