Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 19Page - STMicroelectronics AN3372 Datasheet HTML 20Page - STMicroelectronics AN3372 Datasheet HTML 21Page - STMicroelectronics AN3372 Datasheet HTML 22Page - STMicroelectronics AN3372 Datasheet HTML 23Page - STMicroelectronics AN3372 Datasheet HTML 24Page - STMicroelectronics AN3372 Datasheet HTML 25Page - STMicroelectronics AN3372 Datasheet HTML 26Page - STMicroelectronics AN3372 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN3372
ST7 microcontroller application pin use
Doc ID 018625 Rev 1
23/37
In Figure 14 the circuit for Vlamp measurement is shown.
Pin 17: MCU analogue input PB3 (AIN3) used for lamp current measurement.
Figure 15.
Isense measurement circuit
The above circuit uses a current transformer to generate the feedback signal on the R32
resistor.
The turn ratio of the current transformer is designed to obtain a voltage signal compatible
with 5 V of MCU.
Pin 18: MCU analogue input PB4 (AIN4). This pin is used for Vin input mains
measurement.
Pin 19: not used
Pin 20: not used
Pin 21: not used
Pin 22: MCU PC0. Zero current detect for half bridge current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com