Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 25Page - STMicroelectronics AN3372 Datasheet HTML 26Page - STMicroelectronics AN3372 Datasheet HTML 27Page - STMicroelectronics AN3372 Datasheet HTML 28Page - STMicroelectronics AN3372 Datasheet HTML 29Page - STMicroelectronics AN3372 Datasheet HTML 30Page - STMicroelectronics AN3372 Datasheet HTML 31Page - STMicroelectronics AN3372 Datasheet HTML 32Page - STMicroelectronics AN3372 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AN3372
Lamp operating point
Doc ID 018625 Rev 1
29/37
11
Lamp operating point
For correct operation in each phase different electrical values (voltage and current) must be
applied. The chosen values for each phase are reported below.
Ignition phase
The ignition voltage, in case of a cold lamp, is about 3-5 kV. The ignition voltage increases
with increasing lamp temperature. The ignition voltage in case of a hot re-strike can reach
25 kV.
The circuit is not designed for hot re-strike.
Warm-up phase
During this phase a high warm-up current must be supplied (30% higher than nominal
current) to prevent the lamp extinguishing. The lamp voltage increases gradually starting
from a quarter to nominal lamp voltage up to the nominal value. The warm-up time is about
2 minutes.
For the specified lamp, 70 W metal halide lamp, a current of 1 Arms was applied.
Burn phase
The lamp is designed to be driven with a low frequency square wave AC current to avoid
acoustic resonance of the electric arc.
Acoustic resonance occurs approximately in the frequency domain: 1 kHz - 1 MHz. Some
frequency range free of acoustic resonance exists.
The commutating frequency of the half bridge should be limited to the domain 50 Hz - 1 kHz
to avoid any risk on acoustic resonance. In this application the commutating frequency has
been chosen in 160 Hz.
The nominal lamp voltage during burn phase is approximately 100 V and the nominal lamp
power is 70 W.
The differential resistance of the lamp is small and negative. To obtain a stable operating
point, inductive impedance in series with the lamp is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com