Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 9Page - STMicroelectronics AN3372 Datasheet HTML 10Page - STMicroelectronics AN3372 Datasheet HTML 11Page - STMicroelectronics AN3372 Datasheet HTML 12Page - STMicroelectronics AN3372 Datasheet HTML 13Page - STMicroelectronics AN3372 Datasheet HTML 14Page - STMicroelectronics AN3372 Datasheet HTML 15Page - STMicroelectronics AN3372 Datasheet HTML 16Page - STMicroelectronics AN3372 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
C28
470 pF 630 V
5%
630 V
Polypropylene film capacitor
C35
100 pF 630 V
5%
630 V
Polypropylene film capacitor
D1,D3,D4,D6,D7,D14
TMMBAT46
150 mA/100 V
Schottky diodes
STMicroelectronics
D2,D8
STTH1L06
1 A/600 V
Ultrafast high voltage rectifier
STMicroelectronics
D5
LIC01-215H
215 V
LIght ignition circuit
STMicroelectronics
LIC01-215H
D10,D11
STTH1R06A
1 A/600 V
Ultrafast high voltage rectifier
STMicroelectronics
STTH1R06A
D12
Zener diode
16 V
Zener diode
D13
Zener diode
5.1 V
Zener diode
D15
Green LED
2 mA
Green LED diode
D16
Red LED
2 mA
Red LED diode
F1
Fuse
2 A/250 V
K1
Connector
16 A/250 Vac
K2
Connector
16 A/250 Vac
L1
1 mH
340 mA
SMT inductor
TK-EPC
B82464Z4105M000
K3
Programmer
connector
5 poles
Q1,Q2,Q3
STF11NM60ND
10 A/600 V
MDMESH™ II
STMicroelectronics
STF11NM60ND
Q4
STN1NK60Z
1 A/600 V
SUPERMESH™
STMicroelectronics
STN1NK60Z
R1,R16,R17
27 k
Ω
1%
Metal film resistor
R2,R4,R22,R24,R28
22
Ω
5%
Metal film resistor
R3,R8
1 k
Ω
5%
Metal film resistor
R5,R37
47 k
Ω
5%
Metal film resistor
Table 1.
BOM (continued)
Reference
Part / value
Tolerance%
Rating
Technology
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com