Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 17Page - STMicroelectronics AN3372 Datasheet HTML 18Page - STMicroelectronics AN3372 Datasheet HTML 19Page - STMicroelectronics AN3372 Datasheet HTML 20Page - STMicroelectronics AN3372 Datasheet HTML 21Page - STMicroelectronics AN3372 Datasheet HTML 22Page - STMicroelectronics AN3372 Datasheet HTML 23Page - STMicroelectronics AN3372 Datasheet HTML 24Page - STMicroelectronics AN3372 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AN3372
ST7 microcontroller application pin use
Doc ID 018625 Rev 1
21/37
Figure 12.
Reset circuit
The net connected to the RST pin is composed of R37 = 47 k
Ω and C16 = 100 nF. This net
is used to detect if the reference voltage has reached 5 V. The MCU gives a reset if the +5 V
level voltage is not reached.
Pin 7: not used
Pin 8: VDD MCU supply voltage
Pin 9: GND
Pin 10: not used
Pin 11: not used
Pin 12: GND
Pin13: VDD MCU supply voltage. It is obtained using the Vref pin of the L6382D5 and
is able to supply 5 V with ± 2% of tolerance
Pin 14: MCU analogue input channel 0 used for PFC Vout measurement. A resistor
divider is connected at the PFC output in order to obtain the feedback signal. It is
designed to obtain a voltage compatible with 5 V MCU voltage.
The net for Vbus measurement is shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com