Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 10Page - STMicroelectronics AN3372 Datasheet HTML 11Page - STMicroelectronics AN3372 Datasheet HTML 12Page - STMicroelectronics AN3372 Datasheet HTML 13Page - STMicroelectronics AN3372 Datasheet HTML 14Page - STMicroelectronics AN3372 Datasheet HTML 15Page - STMicroelectronics AN3372 Datasheet HTML 16Page - STMicroelectronics AN3372 Datasheet HTML 17Page - STMicroelectronics AN3372 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
R6,R7,R46,R47
2
Ω
1%
Metal film resistor
R9,R10,R12,R13,R14,
R15, R35,R36,R43, R44
680 k
Ω
1%
Metal film resistor
R27,R29
3.3 k
Ω
5%
Metal film resistor
R11,R45
13 k
Ω
1%
Metal film resistor
R18,R19,R20,R30,R31,
R50
10 k
Ω
1%
Metal film resistor
R21,R23
150
Ω
5%
Metal film resistor
R38
Not connected
Metal film resistor
R32
30
Ω
1%
Metal film resistor
R39
3.3 k
Ω
1%
Metal film resistor
R40
12 k
Ω
1%
Metal film resistor
R48,R49
470
Ω
1%
Metal film resistor
T1
2x47 mH
1.1 A/250 V
Through hole
TK-EPC
B82733F2112B001
T2
1 mH
± 15%
1.2 Arms/
3.2 Apk
MAGNETICA
1974.0003
T3
0.8 mH
± 15%
1.5 Arms/
2.6 Apk
MAGNETICA
2071.0003
T4
Turn ratio 1:12
± 10%
4 A
MAGNETICA
2034.0001
T5
Turn ratio 1:24
± 5%
2.2 Apk
MAGNETICA
1907.0008
U1
Input bridge
1 A/1000 V
U2
L6382D5
600 V
SMD
STMicroelectronics
L6382D5
U3
ST7FLITE49K2T6
5 V
SMD
STMicroelectronics
ST7FLITE49K2T6
Table 1.
BOM (continued)
Reference
Part / value
Tolerance%
Rating
Technology
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com