Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 23Page - STMicroelectronics AN3372 Datasheet HTML 24Page - STMicroelectronics AN3372 Datasheet HTML 25Page - STMicroelectronics AN3372 Datasheet HTML 26Page - STMicroelectronics AN3372 Datasheet HTML 27Page - STMicroelectronics AN3372 Datasheet HTML 28Page - STMicroelectronics AN3372 Datasheet HTML 29Page - STMicroelectronics AN3372 Datasheet HTML 30Page - STMicroelectronics AN3372 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AN3372
Half bridge operation
Doc ID 018625 Rev 1
27/37
9
Half bridge operation
Init phase
After the startup of the auxiliary power supply gives the right voltage at the L6382D5, the
auxiliary supply voltage for the microcontroller is generated. After this sequence the
microcontroller gives the right startup signals at the driver.
Ignition phase
The ignition voltage is generated by the high voltage transformer. On primary winding a
voltage is generated by means of a capacitive discharge. The differential of potential is
transferred (high voltage) at secondary winding causing lamp ignition. The voltage level
across the lamp is about 3 kV.
Warm-up phase
During this phase a relative high current must be supplied to avoid the lamp extinguishing. In
this case the maximum lamp current is limited at 30% higher than the nominal value.
Burn phase
In this phase the lamp power must be controlled regulating the lamp current. To avoid
acoustic resonance the lamp is driven with low frequency square wave current lamp current.
Current sensing
The current is monitored measuring the voltage across an Rsense obtained by a current
transformer. This signal is filtered in order to obtain information on the real average current
that flows in the lamp. This signal is the feedback used by the MCU.
Voltage sensing
The lamp voltage is obtained measuring the voltage across the lamp, filtering this signal,
and sending this signal to ADC of the microcontroller. In this way the lamp voltage is
controlled directly by the MCU.
Lamp power management
The lamp power is obtained multiplying the lamp voltage signal for the lamp current.
The lamp voltage is sensed directly across the lamp. The lamp current is obtained
considering the feedback signal coming from the current sense circuit.
The MCU calculates the lamp power multiplying the value of lamp current for the lamp
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com